Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL6180X Datasheet(PDF) 20 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 16Page - STMicroelectronics VL6180X Datasheet HTML 17Page - STMicroelectronics VL6180X Datasheet HTML 18Page - STMicroelectronics VL6180X Datasheet HTML 19Page - STMicroelectronics VL6180X Datasheet HTML 20Page - STMicroelectronics VL6180X Datasheet HTML 21Page - STMicroelectronics VL6180X Datasheet HTML 22Page - STMicroelectronics VL6180X Datasheet HTML 23Page - STMicroelectronics VL6180X Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 79 page
background image
Functional description
VL6180X
20/79
DocID026171 Rev 6
2.6
Interrupt modes
The VL6180X can be configured to generate an ALS or range interrupt flag under any of the
following conditions:
•
New sample ready
•
Level low (RESULT__RANGE_VAL < SYSRANGE__THRESH_LOW)
•
Level high (RESULT__RANGE_VAL > SYSRANGE__THRESH_HIGH)
•
Out of window (RESULT__RANGE_VAL < SYSRANGE__THRESH_LOW) OR
(RESULT__RANGE_VAL > SYSRANGE__THRESH_HIGH)
In new sample ready mode, an interrupt flag will be raised at the end of every measurement
irrespective of whether the measurement is valid or if an error has occurred. This mode is
particularly useful during development and debug. In level interrupt mode the system will
raise an interrupt flag if either a low or high programmable threshold has been crossed. Out
of window interrupt mode activates both high and low level thresholds allowing a window of
operation to be specified. Interrupt modes for Range and ALS are configured via register
SYSTEM__INTERRUPT_CONFIG_GPIO{0x14}
.
Note:
In level or window interrupt modes range errors will only trigger an interrupt if the logical
conditions described above are met.
2.7
Range error codes
The system carries out a number of range checks during every range measurement to
ensure the validity of each range result. Register RESULT__RANGE_STATUS{0x4D}
returns an error code if one of the checks fails. Table 8 gives a summary of the possible
error codes.
Table 7. Typical range convergence time (ms)
Range (mm)
Target reflectance
3%
5%
17%
88%
10
0.43
0.33
0.18
0.18
20
0.94
0.73
0.28
0.18
30
1.89
1.40
0.51
0.18
40
3.07
2.25
0.81
0.18
50
4.35
3.24
1.18
0.24
60
5.70
4.22
1.60
0.32
70
7.07
5.35
2.07
0.49
80
8.41
6.45
2.58
0.50
90
9.58
7.56
3.14
0.61
100
10.73
8.65
3.69
0.73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com