Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL6180X Datasheet(PDF) 30 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 26Page - STMicroelectronics VL6180X Datasheet HTML 27Page - STMicroelectronics VL6180X Datasheet HTML 28Page - STMicroelectronics VL6180X Datasheet HTML 29Page - STMicroelectronics VL6180X Datasheet HTML 30Page - STMicroelectronics VL6180X Datasheet HTML 31Page - STMicroelectronics VL6180X Datasheet HTML 32Page - STMicroelectronics VL6180X Datasheet HTML 33Page - STMicroelectronics VL6180X Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 79 page
background image
Functional description
VL6180X
30/79
DocID026171 Rev 6
2.13
Ambient light sensor (ALS)
The VL6180X contains an ambient light sensor capable of measuring the ambient light level
over a wide dynamic range. This section describes the main features of the ALS. The ALS
performance specification can be found in Section 4.2.
2.13.1
Field of view
Figure 19 shows the ALS field of view which is typically 42 degrees (half angle, 40% of
peak) in both X and Y.
Figure 19. ALS angular response
2.13.2
Spectral response
The spectral response of the ALS compared to photopic response is shown in Figure 20.
Figure 20. ALS spectral response
0%
20%
40%
60%
80%
100%
120%
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
1050
1100
Wavelength (nm)
Photopic
VL6180X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com