Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL6180X Datasheet(PDF) 66 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 66 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 62Page - STMicroelectronics VL6180X Datasheet HTML 63Page - STMicroelectronics VL6180X Datasheet HTML 64Page - STMicroelectronics VL6180X Datasheet HTML 65Page - STMicroelectronics VL6180X Datasheet HTML 66Page - STMicroelectronics VL6180X Datasheet HTML 67Page - STMicroelectronics VL6180X Datasheet HTML 68Page - STMicroelectronics VL6180X Datasheet HTML 69Page - STMicroelectronics VL6180X Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 79 page
background image
Device registers
VL6180X
66/79
DocID026171 Rev 6
6.2.47
RESULT__RANGE_REFERENCE_SIGNAL_COUNT
Address:
0x070
Type:
R
Reset:
0x0
Description:
6.2.48
RESULT__RANGE_RETURN_AMB_COUNT
Address:
0x074
Type:
R
Reset:
0x0
Description:
6.2.49
RESULT__RANGE_REFERENCE_AMB_COUNT
Address:
0x078
Type:
R
Reset:
0x0
Description:
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
result__range_reference_signal_count
R
[31:0]
result__range_reference_signal_count: sensor count output value attributed to signal
correlated to IR emitter on the Reference array.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
result__range_return_amb_count
R
[31:0]
result__range_return_amb_count: sensor count output value attributed to uncorrelated ambient
signal on the Return array. Must be multiplied by 6 if used to calculate the ambient to signal
threshold.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
result__range_reference_amb_count
R
[31:0]
result__range_reference_amb_count: sensor count output value attributed to uncorrelated
ambient signal on the Reference array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com