Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL6180X Datasheet(PDF) 65 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 65 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 61Page - STMicroelectronics VL6180X Datasheet HTML 62Page - STMicroelectronics VL6180X Datasheet HTML 63Page - STMicroelectronics VL6180X Datasheet HTML 64Page - STMicroelectronics VL6180X Datasheet HTML 65Page - STMicroelectronics VL6180X Datasheet HTML 66Page - STMicroelectronics VL6180X Datasheet HTML 67Page - STMicroelectronics VL6180X Datasheet HTML 68Page - STMicroelectronics VL6180X Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 79 page
background image
DocID026171 Rev 6
65/79
VL6180X
Device registers
78
6.2.45
RESULT__RANGE_REFERENCE_RATE
Address:
0x068
Type:
R
Reset:
0x0
Description:
6.2.46
RESULT__RANGE_RETURN_SIGNAL_COUNT
Address:
0x06C
Type:
R
Reset:
0x0
Description:
15
14
13
12
11
10
9876543210
result__range_reference_rate
R
[15:0]
result__range_reference_rate: sensor count rate of reference signal returns. Computed from
REFERENCE_SIGNAL_COUNT / RETURN_CONV_TIME. Mcps 9.7 format
Note: Both arrays converge at the same time, so using the return array convergence time is
correct.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876543210
result__range_return_signal_count
R
[31:0]
result__range_return_signal_count: sensor count output value attributed to signal correlated to
IR emitter on the Return array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com