Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL6180X Datasheet(PDF) 75 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 75 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 71Page - STMicroelectronics VL6180X Datasheet HTML 72Page - STMicroelectronics VL6180X Datasheet HTML 73Page - STMicroelectronics VL6180X Datasheet HTML 74Page - STMicroelectronics VL6180X Datasheet HTML 75Page - STMicroelectronics VL6180X Datasheet HTML 76Page - STMicroelectronics VL6180X Datasheet HTML 77Page - STMicroelectronics VL6180X Datasheet HTML 78Page - STMicroelectronics VL6180X Datasheet HTML 79Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 75 / 79 page
background image
DocID026171 Rev 6
75/79
VL6180X
Ordering information
78
9.4
Storage
The Root part number 1 is a MSL 3 package.
After this limit, dry bake to be done; 3 hours at 125oC.
9.5
ROHS compliance
The Root part number 1 is Ecopack2 compliant as per ST definition.
Devices which are ROHS compliant even with use of ROHS exemption(s) and free of
Halogenated flame retardant are named ECOPACK2 devices with the following definition:
•
ROHS compliant even with use of ROHS exemption(s)
•
500 ppm maximum of Antimony as oxide or organic compound in each organic assy
Materials (glue, substrate, mod compounds, housing...). Antimony in ceramic parts, in
glass and in solder alloy is not restricted.
•
900 ppm maximum Bromine + Chlorine in each organic ass materials (glue, substrate,
mold compounds, housing...)
These values are referring to maximum total content not to extractable ions content.
Purchasing specification of assembly materials can impose lower values for technical
reasons.
ECOPACK2 devices are of course fully compliant to ST banned and declarable substances
specification and for example cannot contain red Phosphorus flame retardant.
Table 27. Storage conditions
Level
Floor Life (out of bag) at Factory
Ambient <30oC/60% RH
31 Week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com