Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VL6180X Datasheet(PDF) 24 Page - STMicroelectronics

Part # VL6180X
Description  Proximity and ambient light sensing (ALS) module
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180X Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VL6180X Datasheet HTML 20Page - STMicroelectronics VL6180X Datasheet HTML 21Page - STMicroelectronics VL6180X Datasheet HTML 22Page - STMicroelectronics VL6180X Datasheet HTML 23Page - STMicroelectronics VL6180X Datasheet HTML 24Page - STMicroelectronics VL6180X Datasheet HTML 25Page - STMicroelectronics VL6180X Datasheet HTML 26Page - STMicroelectronics VL6180X Datasheet HTML 27Page - STMicroelectronics VL6180X Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 79 page
background image
Functional description
VL6180X
24/79
DocID026171 Rev 6
The buffer is read via eight 16-bit registers (RESULT__HISTORY_BUFFER_0{0x52} to
RESULT__HISTORY_BUFFER_7{0x60})
. The buffer holds the last 16 x 8-bit range or 8 x
16-bit ALS results as shown in Table 9.
Note:
Only one data stream (ALS or range) can be buffered at one time. There is no associated
time stamp information.
The clear buffer command is not immediate; it takes effect on the next range or ALS start
command.
The history buffer works independently of interrupt control i.e. the history buffer records all
new samples; its operation is unchanged in threshold and window modes.
2.11
Current consumption
Table 10. gives an overview of current consumption in different operating states.
2.11.1
Ranging current consumption
Figure 14. shows typical ranging current consumption of the VL6180X. Current consumption
depends on target distance, target reflectance and sampling rate. The example shown here
is based on default settings and a sampling rate of 10 Hz. The average current consumption
for a 17% reflective target at 50 mm operating at 10 Hz is 1.7 mA. At different sampling rates
Table 9. History buffer
History buffer
Range
ALS
(High byte)
(Low byte)
(Word)
0
Range [15] (newest)
Range [14]
ALS [7] (newest)
1
Range [13]
Range [12]
ALS [6]
2
Range [11]
Range [10]
ALS [5]
3
Range [9]
Range [8]
ALS [4]
4
Range [7]
Range [6]
ALS [3]
5
Range [5]
Range [4]
ALS [2]
6
Range [3]
Range [2
ALS [1]
7
Range [1]
Range [0] (oldest)
ALS [0] (oldest)
Table 10. Typical current consumption in different operating states
Mode
Current
Conditions
Hardware standby
< 1
μA
Shutdown (GPIO0 = 0). No I2C comms
Software standby
< 1
μA
After MCU boot. Device ready
ALS
300
μA
During integration
Ranging
1.7 mA
Average consumption during ranging(1)
1.
10 Hz sampling rate, 17% reflective target at 50 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com