Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV9937
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV9937 Datasheet HTML 6Page - STMicroelectronics STV9937 Datasheet HTML 7Page - STMicroelectronics STV9937 Datasheet HTML 8Page - STMicroelectronics STV9937 Datasheet HTML 9Page - STMicroelectronics STV9937 Datasheet HTML 10Page - STMicroelectronics STV9937 Datasheet HTML 11Page - STMicroelectronics STV9937 Datasheet HTML 12Page - STMicroelectronics STV9937 Datasheet HTML 13Page - STMicroelectronics STV9937 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Register Addressing
STV9937
10/49
The transmission formats are as follows:
1. Format A: S-FWR-FAC-D
® FWR-FAC-D ® FWR-FAC-D ® FWR-FAC-D...Stop
2. Format B: S-FWR-FAC-D
® FAC-D ® FAC-D ® FAC-D...Stop
3. Format C: S-FWR-FAC-D
® D ® D ®D...Stop
Where:
S = Slave address = BAh
FWR = Format, Window and Row address
FAC = Format, Attribute and Column address
D = CTRL Control data (8 bits), CB Color codes (3 bits) or RC Character codes (9 bits).
In Format C, the order of automatic incrementation for data D is first the column value, then the row
value, and then the window value.
2.1.3
Format, Window and Row Address (FWR)
Bit 7 indicates the ‘Window & Row’ byte when set to 1.
W[2:0]: Window Number
000: Control Data and Color Codes
001: Window 1
010: Window 2
011: Window 3
100: Window 4
R[3:0]: Row Numbers from 0 to 15. Each window has a maximum number of 16 rows.
2.1.4
Format, Attribute and Column Address (FAC)
Bit 7 indicates the ‘Attribute & Column’ byte when set to 0.
F: Format
0: Format A or B
1: Format C
A: Transmission of character code or color code
0: Character Code
1: Color Code and Character Code MSB
When reading or writing control data and/or character codes, bit A must be set to 0. For color code
and character code MSB, bit A must be set to 1.
Table 2: Various Bytes coded in the I²C Transmission
Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
FWR
1
W[2:0]
R[3:0]
FAC
0
F
A
C[4:0]
D: Control Data (in window 0 only)
CTRL[7:0]
D: Color Code and Character Code MSB
0
0
0
RC[8]
0
CB[2:0]
D: Character Code LSBs
RC[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com