Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STV9937
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STV9937 Datasheet HTML 30Page - STMicroelectronics STV9937 Datasheet HTML 31Page - STMicroelectronics STV9937 Datasheet HTML 32Page - STMicroelectronics STV9937 Datasheet HTML 33Page - STMicroelectronics STV9937 Datasheet HTML 34Page - STMicroelectronics STV9937 Datasheet HTML 35Page - STMicroelectronics STV9937 Datasheet HTML 36Page - STMicroelectronics STV9937 Datasheet HTML 37Page - STMicroelectronics STV9937 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Picture BooSTTM
STV9937
34/49
7.4
Line and Pixel Offsets
Due to the intrinsic delay on the RGB channel during the RGB decoding, 2 offsets can be applied for
fine tuning as shown in below:
Note:It is recommended to adjust the pixel offset each time the monitor resolution changes.
7.5
PLL Synchronised
The STV9937 PLL can either be synchronized on the HFLY or HSYNC signals.
WARNING:Once synchronized on HFLY, the Picture BooSTTM feature cannot be guaranteed.
HFLYP
The HFLYP bit configures the polarity of the HFLY signal
0: Falling edge active (default value)
1: Rising edge active
OSDREF
The OSDREF selects the signal taken as reference
0: HFLY is the reference (default value)
1: HSYNC is the reference
ENPB
The ENPB bit selects Picture BooSTTM decoding
0: The RGB video inputs are not decoded, there is no possibility of displaying the PB.
The user can write X1/X2 Y1/Y2 coordinates in the registers, but the On/Off bit is
inactive (default value)
1: PB decoding is active and the PB display can be made active with the PBON bit
PBON
The PBON bit selects Picture BooSTTM display
0: PB is not displayed (default value)
1: PB is displayed on the screen with the coordinates written in the X/Y registers
PBVM
The PBVM bit selects the Picture BooSTTM interface
0: Interface via RGB (default value)
1: Interface via I²C
Bits
Description
OFFSETLIN[1:0]
The line offset in SIGNED radix is coded on 2 bits from -2 to +1. Default value is 0.
OFFSETPIX[5:0]
The pixel offset in SIGNED radix is coded on 6 bits from -32 to +31. Default value is 0.
Bit
Description
HMUX
0: HSYNC is the synchronization signal
1: HFLY is the synchronization signal
Table 37: PictureBooSTTM Configuration
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com