Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STV9937
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STV9937 Datasheet HTML 35Page - STMicroelectronics STV9937 Datasheet HTML 36Page - STMicroelectronics STV9937 Datasheet HTML 37Page - STMicroelectronics STV9937 Datasheet HTML 38Page - STMicroelectronics STV9937 Datasheet HTML 39Page - STMicroelectronics STV9937 Datasheet HTML 40Page - STMicroelectronics STV9937 Datasheet HTML 41Page - STMicroelectronics STV9937 Datasheet HTML 42Page - STMicroelectronics STV9937 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
39/49
STV9937
Registers
Table 48: Control Registers: Window 0, Row = 0
FWR
FAC
Col
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
00h
0h
0h
FBKPOL =
0
RGBPOL
= 0
FADE = 0
ENOSD =
0
VSP = 0
HSP = 0
VCO[1:0] = 00
80h
01h
1h
20h
FBK = 0
HR[6:0] :Horizontal Resolution = 32 characters
80h
02h
2h
12h
CH[6:0] = Character Height = 18
80h
03h
3h
0h
full screen RGB = FS RGB = 000
RSPA[4:0] = Row Spacing = 0
80h
04h
4h
0h
HD[6:0] = Horizontal Delay Reference = 0 (50 pixels)
80h
05h
5h
0h
VD[7:0] = Vertical Delay Reference = 0 (2 lines)
80h
06h
6h
0h
RST_PLL
= 0
RST = 0
80h
07h
7h
0h
ENBS4/3/2/1 = 0000
ENW4/3/2/1 = 0000
80h
08h
8h
0h
CSHA[3:0] = 0
80h
09h
9h
39h
ALW2[3:0] = 3 (4 blocks = 128 characters)
ALW1[3:0] = 9 (10 blocks = 320 characters)
80h
0Ah
Ah
2h
ALW3[3:0] = 2 (3 blocks, 96 characters)
80h
0Bh
Bh
0h
RESETW[3:0] = 0000
80h
0Ch
Ch
0h
HDW1[6:0] = 0
80h
0Dh
Dh
0h
VDW1[5:0] = 0
80h
0Eh
Eh
19h
BSWW1[2:0] = 000
HSW1[4:0] = 25 (26 characters)
80h
0Fh
Fh
Bh
BSHW1[3:0] = 0000
VSW1[3:0] = 11 (12 rows of characters)
80h
10h
10h
7h
WS RGB 1 = 000 : black
BSW1=0
T1 = 0
RGB W1 = 111:white
80h
11h
11h
20h
HDW2[6:0] = 32
80h
12h
12h
0h
VDW2[5:0] = 0
80h
13h
13h
9h
BSWW2[2:0] = 000
HSW2[4:0] = 9 (10 characters)
80h
14h
14h
4h
BSHW2[3:0] = 0000
VSW2[3:0] =4 (5 rows of characters)
80h
15h
15h
7h
WS RGB 2 = 000 : black
BSW2=0
T2 = 0
RGB W2 = 111:white
80h
16h
16h
0h
HDW3[6:0] = 0
80h
17h
17h
Ch
VDW3[5:0] =12
80h
18h
18h
Fh
BSWW3[2:0] = 000
HSW3[4:0] = 15 (16 characters)
80h
19h
19h
7h
BSHW3[3:0] = 0000
VSW3[3:0] = 7 (8 rows of characters)
80h
1Ah
1Ah
7h
WS RGB 3 = 000 : black
BSW3=0
T3 = 0
RGB W3 = 111:white
80h
1Bh
1Bh
10h
HDW4[6:0] = 16
80h
1Ch
1Ch
Ch
VDW4[5:0] = 12
80h
1Dh
1Dh
Fh
BSWW4[2:0] = 000
HSW4[4:0] = 15 (16 characters)
80h
1Eh
1Eh
7h
BSHW4[3:0] = 0000
VSW4[3:0] = 7 (8 rows of characters)
80h
1Fh
1Fh
7h
WS RGB 4 = 000 : black
BSW4=0
T4 = 0
RGB W4 = 111:white



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com