Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STV9937
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STV9937 Datasheet HTML 27Page - STMicroelectronics STV9937 Datasheet HTML 28Page - STMicroelectronics STV9937 Datasheet HTML 29Page - STMicroelectronics STV9937 Datasheet HTML 30Page - STMicroelectronics STV9937 Datasheet HTML 31Page - STMicroelectronics STV9937 Datasheet HTML 32Page - STMicroelectronics STV9937 Datasheet HTML 33Page - STMicroelectronics STV9937 Datasheet HTML 34Page - STMicroelectronics STV9937 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
31/49
STV9937
Picture BooSTTM
7.2
PictureBooSTTM RGB Decoder
The STV9937 can receive the coordinates of the area to BooST through the RGB channel or
through I²C bus.
The Picture BooSTTM area coordinates are coded as follows:
7.2.1
Data Sent Using I²C
Before sending data to the corresponding registers, the PBVM bit must be set to 1. Then the
coordinates can be sent to the corresponding address, see Table 36:
Row 1, Col 3 to 6 for X1, X2 coordinates
Row 1, Col 7 to 10 for the Y1, Y2 coordinates.
7.2.2
Data Sent Using the RGB Channel
The Picture BooSTTM Software sends coordinate data through the RGB channel:
The Red channel contains the X1, X2 and Y1, Y2 coordinates information
The Green Channel contains a specific activation code
The Blue Channel contains the clock signal.
The Decoder stores the coordinates values to the corresponding address:
Row 1, Col 3 to 6 for X1, X2 coordinates
Row 1, Col 7 to 10 for the Y1, Y2 coordinates.
X1 and X2 are referred to the HSYNC signal, the resolution is FPIXEL1 (from 30 Mhz to 60 Mhz)
Table 35: PictureBooSTTM Window Coordinates
Bits
Description
X1[12:0]
Left coordinate of the window, in CLK1 pixels (FPIXEL1)
X2[12:0]
Right coordinate of the window, in CLK1 pixels
Y1[10:0]
Top coordinate of the window, in lines
Y2[10:0]
Bottom coordinate of the window, in lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com