Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV9937
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV9937 Datasheet HTML 11Page - STMicroelectronics STV9937 Datasheet HTML 12Page - STMicroelectronics STV9937 Datasheet HTML 13Page - STMicroelectronics STV9937 Datasheet HTML 14Page - STMicroelectronics STV9937 Datasheet HTML 15Page - STMicroelectronics STV9937 Datasheet HTML 16Page - STMicroelectronics STV9937 Datasheet HTML 17Page - STMicroelectronics STV9937 Datasheet HTML 18Page - STMicroelectronics STV9937 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
15/49
STV9937
Window Specifications
3.3
Window Positions in the Frame
All values are referenced to the origin coordinates (HD, VD). For more information, refer to
Figure 6 on page 13.
3.3.1
Window Horizontal Delay
The window horizontal delay defines the horizontal start position for each separate OSD window.
This value is selected by bits HDW1[6:0], HDW2[6:0], HDW3[6:0] and HDW4[6:0], respectively.
The range of the window horizontal delay is from 0 to 1524 pixels, in steps of 12 pixels each.
Window Horizontal Delay = HDWi[6:0] x 12 pixels
The total horizontal delay of a window is:
General Horizontal Delay + HDWi[6:0] x 12 pixels; or,
HD[6:0] x 6 pixels + HDWi[6:0] x 12 pixels + (50 pixels).
The default values for the window horizontal delay for each of the four OSD windows is given in
Table 8.
3.3.2
Window Vertical Delay
The window vertical delay defines the vertical start position for each separate OSD window. This
value is selected by bits VDW1[5:0], VDW2[5:0], VDW3[5:0] and VDW4[5:0], respectively.
The range of the window vertical delay is from 0 to 63 rows of characters, in steps of 1 character row
each. It is important to note that the height of each character row is defined by the row height
parameter. For more information, refer to Section 4.4: Space Lines on page 21.
Window Vertical Delay = VDWi[5:0] x Row_Height
The total vertical delay of a window is:
General Vertical Delay + VDWi[5:0] x Row_Height (in scan lines); or,
(VD[7:0] x 4 + 2) + VDWi[5:0] x Row_Height (in scan lines).
The default values for the window vertical delay for each of the four OSD windows is given in
Table 9.
Table 8: Window Horizontal Delay
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
0Ch, 11h,
16h, 1Bh
0h, 20h,
0h, 10h
HDWi[6:0]
Table 9: Window Vertical Delay
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
0Dh, 12h,
17h, 1Ch
0h, 0h,
Ch, Ch
VDWi[5:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com