Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STV9937
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STV9937 Datasheet HTML 38Page - STMicroelectronics STV9937 Datasheet HTML 39Page - STMicroelectronics STV9937 Datasheet HTML 40Page - STMicroelectronics STV9937 Datasheet HTML 41Page - STMicroelectronics STV9937 Datasheet HTML 42Page - STMicroelectronics STV9937 Datasheet HTML 43Page - STMicroelectronics STV9937 Datasheet HTML 44Page - STMicroelectronics STV9937 Datasheet HTML 45Page - STMicroelectronics STV9937 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Application Hints
STV9937
42/49
10
Application Hints
10.1
Software Hints
10.1.1 Programming Recommendations
1. Write a new allocation just before the RAM reset.
2. Write a new allocation at any time but take care of the window display.
3. When resetting the RAM and writing in it just after, write in the RAM respecting the same order
as the reset: from the first to the last reset window, from the first window address (row 0, col 0)
to the last, incrementing columns, then rows, then windows.
4. Define the window horizontal size prior to writing character and color codes in RAM.
HSWI is used to compute the RAM address.
10.1.2 Examples of Programming
It is recommended to program the STV9937 in the following sequence:
Via RGB Video mode
set ENPB =1
send data via RGB Video: Y then X coordinates.
Via I2C mode
set ENPB =1, PBVM=1, PBON =0
send data via I2C: X and Y coordinates.
set PBON =1
Changing the mode
set PBON = 0
change PBVM bit
write new coordinates, then the PBON can be set to 1.
Hard reset at power-up (following a power-up)
1. Write Window 0 registers to set the OSD parameters: write
VCO[1:0], horizontal resolution and vertical height of characters,
the position of reference,
the allocations if they are incorrect
(by default: 320 characters for window 1, 128 characters for each of the others windows)
the windows position and size,
the color-boxes that will be used.
2. Write the character codes for each window to display.
3. Write the color-box data for each window to display.
4. Write the enable of windows: ENWi = 1 then ENOSD=1.
Change of position & size of 1 window (ex. window 3) without disable of window
1. Write new position and sizes.
2. Write new characters in the RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com