Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STV9937
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STV9937 Datasheet HTML 25Page - STMicroelectronics STV9937 Datasheet HTML 26Page - STMicroelectronics STV9937 Datasheet HTML 27Page - STMicroelectronics STV9937 Datasheet HTML 28Page - STMicroelectronics STV9937 Datasheet HTML 29Page - STMicroelectronics STV9937 Datasheet HTML 30Page - STMicroelectronics STV9937 Datasheet HTML 31Page - STMicroelectronics STV9937 Datasheet HTML 32Page - STMicroelectronics STV9937 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
29/49
STV9937
Pixel Clock Generator
6
Pixel Clock Generator
The Pixel Clock Generator is used to synchronize the display clock with the horizontal
synchronisation (Hsync) signal. This generator is based on a PLL function used to perform correct
jitter. The pixel frequency is defined with the horizontal line frequency and the horizontal resolution.
Pixel Frequency (FPIXEL2) = 12 x HR[6:0] x fHLINE
The VCO[1:0] value is used to select the appropriate curve partition of the VCO.
The PLL generates:
a pixel clock for the OSD from 7.68 MHz to 120 MHz: FPIXEL2
a pixel clock for the PictureBooSTTM (PB) from 30 to 60 MHz: FPIXEL1.
The PictureBooSTTM pixel clock provides the resolution of the PB pixel.It is locked on the HSYNC
signal and the referenced edge is programmed using the HSP bit.
When the monitor resolution is changing, the micro controller changes the OSD horizontal
resolution to adapt the width of the OSD window. In this case, the frequency of the PB clock is
changing also. So the width and the position and the resolution of the PB window is changing.
Table 33: VCO Curve Partition
VCO Value (Binary)
VCO Curve Partition
00
7.68 MHz < FPIXEL2 < 15 MHz (Default Value)
01
15
MHz < FPIXEL2 < 30 MHz
10
30
MHz < FPIXEL2 < 60 MHz
11
60
MHz < FPIXEL2 < 120 MHz
Table 34: VCO Range
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
00h
0h
VCO[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com