Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STV9937
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STV9937 Datasheet HTML 33Page - STMicroelectronics STV9937 Datasheet HTML 34Page - STMicroelectronics STV9937 Datasheet HTML 35Page - STMicroelectronics STV9937 Datasheet HTML 36Page - STMicroelectronics STV9937 Datasheet HTML 37Page - STMicroelectronics STV9937 Datasheet HTML 38Page - STMicroelectronics STV9937 Datasheet HTML 39Page - STMicroelectronics STV9937 Datasheet HTML 40Page - STMicroelectronics STV9937 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
37/49
STV9937
General OSD Programming
Fast Blanking Output Polarity (FBLK output)
The output polarity of the FBLK pin is selected by bit FBLKPOL. The default value is 0.
8.5
Reset
Power On Reset
The digital core and the PLL are asynchronously reset at Power On.
Soft Reset
A soft reset is enabled by the RST bit.
RST = 1: The digital core is reset. All control registers including PictureBooSTTM but with the
exception of PLL registers, are reset at the same value as at power on reset.
It is not necessary to write RST = 0 to stop the reset. This bit is automatically cleared.
PLL Register Reset
The Pixel Clock Generator (VCO[1:0]) and Horizontal Resolution (HR[6:0]) bits are reset by the
RST_PLL bit.
RST_PLL = 1: HR[6:0] and VCO[1:0] are reset to the same value as the power-on reset.
It is not necessary to write RST_PLL = 0 to stop the reset. This bit is automatically cleared.
Table 44: Fast Blanking Output Polarity Selection
FBLKPOL
Description
0
When OSD display, FBLK = 1
When active video, FBLK = 0
1
When OSD display, FBLK = 0
When active video, FBLK = 1
Table 45: FBLK Output Control
ENOSD
Bit
FBLKPOL
Bit
FBK Bit
FBLK Output
Display
10
00
Video
Default Value
10
01
OSD
10
11
OSD
Full Screen
11
00
OSD
FBLK Inverted
11
01
Video
11
10
OSD
Full Screen
0
0
x
0
Video
No OSD
0
1
x
1
Video
No OSD
Table 46: Reset
FWR
FAC
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80h
06h
RST_PLL
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com