Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STV9937
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STV9937 Datasheet HTML 26Page - STMicroelectronics STV9937 Datasheet HTML 27Page - STMicroelectronics STV9937 Datasheet HTML 28Page - STMicroelectronics STV9937 Datasheet HTML 29Page - STMicroelectronics STV9937 Datasheet HTML 30Page - STMicroelectronics STV9937 Datasheet HTML 31Page - STMicroelectronics STV9937 Datasheet HTML 32Page - STMicroelectronics STV9937 Datasheet HTML 33Page - STMicroelectronics STV9937 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Picture BooSTTM
STV9937
30/49
7Picture BooSTTM
Picture BooSTTM allows images to be boosted either within a window, a screen area or over the
entire screen. To perform this function, the STV9212 preamplifier is required as well as the Picture
BooSTTM software which sends the window or screen area coordinates (X1, X2,Y1,Y2) to the RGB
video channels.
The Picture BooSTTM system embedded in the STV9937 includes:
●
The RGB Comparator
●
The Coordinate Decoder
●
The Control and Data registers
The STV9937 computes the data received on the RGB channel and generates a BooST signal
which is then sent to the STV9212. The coordinates can be received through the I²C bus by the
MCU as well.
The STV9937 also includes three 8 bits register used to store data received by RGB.
7.1
Video RGB Input Stage
The input stage is a triple analog-digital buffer for the video RGB inputs.
●
The input voltage range is 0 to 0.7 V
●
The inputs have to be supplied through a serial capacitor (100nF)
●
The input RGB must be set to ‘0’ during the horizontal sync.
The input stage includes a clamping function using the Hsync signal to fix the DC level of inputs.
The input stage is configured by three control bits; THCTL, CLP and ENCL as shown in Figure 37.
Figure 13: Hsync Clamping Function
THTCL
ENCL
HSYNC
CLP
AND
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com