Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STV9937
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STV9937 Datasheet HTML 37Page - STMicroelectronics STV9937 Datasheet HTML 38Page - STMicroelectronics STV9937 Datasheet HTML 39Page - STMicroelectronics STV9937 Datasheet HTML 40Page - STMicroelectronics STV9937 Datasheet HTML 41Page - STMicroelectronics STV9937 Datasheet HTML 42Page - STMicroelectronics STV9937 Datasheet HTML 43Page - STMicroelectronics STV9937 Datasheet HTML 44Page - STMicroelectronics STV9937 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
41/49
STV9937
Registers
Table 50: Color Registers: Window 0, Row = 2
FWR
FAC
Col
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
82h
00h
0h
WINDOW1
Color-box 1: BC- BR-BG-BB-blink-FR-FG-FB
82h
01h
1h
WINDOW1
Color-box 2: BC- BR-BG-BB-blink-FR-FG-FB
82h
02h
2h
WINDOW1
Color-box 3: BC- BR-BG-BB-blink-FR-FG-FB
82h
03h
3h
WINDOW1
Color-box 4: BC- BR-BG-BB-blink-FR-FG-FB
82h
04h
4h
WINDOW1
Color-box 5: BC- BR-BG-BB-blink-FR-FG-FB
82h
05h
5h
WINDOW1
Color-box 6: BC- BR-BG-BB-blink-FR-FG-FB
82h
06h
6h
WINDOW1
Color-box 7: BC- BR-BG-BB-blink-FR-FG-FB
82h
07h
7h
WINDOW1
Color-box 8: BC- BR-BG-BB-blink-FR-FG-FB
82h
08h
8h
WINDOW2
Color-box 1: BC- BR-BG-BB-blink-FR-FG-FB
82h
09h
9h
WINDOW2
Color-box 2: BC- BR-BG-BB-blink-FR-FG-FB
82h
1Ah
Ah
WINDOW2
Color-box 3: BC- BR-BG-BB-blink-FR-FG-FB
82h
1Bh
Bh
WINDOW2
Color-box 4: BC- BR-BG-BB-blink-FR-FG-FB
82h
1Ch
Ch
WINDOW2
Color-box 5: BC- BR-BG-BB-blink-FR-FG-FB
82h
1Dh
Dh
WINDOW2
Color-box 6: BC- BR-BG-BB-blink-FR-FG-FB
82h
1Eh
Eh
WINDOW2
Color-box 7: BC- BR-BG-BB-blink-FR-FG-FB
82h
1Fh
Fh
WINDOW2
Color-box 8: BC- BR-BG-BB-blink-FR-FG-FB
82h
10h
10h
WINDOW3
Color-box 1: BC- BR-BG-BB-blink-FR-FG-FB
82h
11h
11h
WINDOW3
Color-box 2: BC- BR-BG-BB-blink-FR-FG-FB
82h
12h
12h
WINDOW3
Color-box 3: BC- BR-BG-BB-blink-FR-FG-FB
82h
13h
13h
WINDOW3
Color-box 4: BC- BR-BG-BB-blink-FR-FG-FB
82h
14h
14h
WINDOW3
Color-box 5: BC- BR-BG-BB-blink-FR-FG-FB
82h
15h
15h
WINDOW3
Color-box 6: BC- BR-BG-BB-blink-FR-FG-FB
82h
16h
16h
WINDOW3
Color-box 7: BC- BR-BG-BB-blink-FR-FG-FB
82h
17h
17h
WINDOW3
Color-box 8: BC- BR-BG-BB-blink-FR-FG-FB
82h
18h
18h
WINDOW4
Color-box 1: BC- BR-BG-BB-blink-FR-FG-FB
82h
19h
19h
WINDOW4
Color-box 2: BC- BR-BG-BB-blink-FR-FG-FB
82h
1Ah
1Ah
WINDOW4
Color-box 3: BC- BR-BG-BB-blink-FR-FG-FB
82h
1Bh
1Bh
WINDOW4
Color-box 4: BC- BR-BG-BB-blink-FR-FG-FB
82h
1Ch
1Ch
WINDOW4
Color-box 5: BC- BR-BG-BB-blink-FR-FG-FB
82h
1Dh
1Dh
WINDOW4
Color-box 6: BC- BR-BG-BB-blink-FR-FG-FB
82h
1Eh
1Eh
WINDOW4
Color-box 7: BC- BR-BG-BB-blink-FR-FG-FB
82h
1Fh
1Fh
WINDOW4
Color-box 8: BC- BR-BG-BB-blink-FR-FG-FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com