Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV9937 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STV9937
Description  120-MHz On-Screen Display for Monitors including PictureBooSTTM and 4 True Independent Window Displays
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9937 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STV9937 Datasheet HTML 32Page - STMicroelectronics STV9937 Datasheet HTML 33Page - STMicroelectronics STV9937 Datasheet HTML 34Page - STMicroelectronics STV9937 Datasheet HTML 35Page - STMicroelectronics STV9937 Datasheet HTML 36Page - STMicroelectronics STV9937 Datasheet HTML 37Page - STMicroelectronics STV9937 Datasheet HTML 38Page - STMicroelectronics STV9937 Datasheet HTML 39Page - STMicroelectronics STV9937 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
General OSD Programming
STV9937
36/49
8.4
Signal Polarity and Triggering
Vertical Sync Triggering (VS input)
The active edge of the VS pin used for vertical synchronization is selected by bit VSP.
VSP = 0: The falling edge is active. (Default Value)
VSP = 1: The rising edge is active.
Horizontal Sync Triggering (HSYNC input)
The active edge of the HSYNC pin used for horizontal synchronization is selected by bit HSP.
HSP = 0: The falling edge is active. (Default Value)
HSP = 1: The rising edge is active.
RGB Output Polarity (ROUT, GOUT and BOUT outputs)
The output polarity of pins ROUT, GOUT and BOUT is selected by bit RGBPOL.
RGBPOL = 0: RGB active at 1 (Default Value)
RGBPOL = 1: RGB active at 0
Cyan
011
Red
100
Magenta
1
0
1
Yellow
110
White
111
Table 42: Signal Polarity
FWR
FAC
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
80
00
FBKPOL
RGBPOL
VSP
HSP
Table 43: RGB Output Control
ENOSD
Bit
RGBPOL
Bit
RGB Outputs
Display
1
0
Active at 1
OSD
1
1
Active at 0
OSD
00
000
Video
01
111
Video
Table 41: Full Screen Colors (Continued)
Color
FSR
FSG
FSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com