Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX1463 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1463
Description  Low-Power Two-Channel Sensor Signal Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1463 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1463 Datasheet HTML 17Page - Maxim Integrated Products MAX1463 Datasheet HTML 18Page - Maxim Integrated Products MAX1463 Datasheet HTML 19Page - Maxim Integrated Products MAX1463 Datasheet HTML 20Page - Maxim Integrated Products MAX1463 Datasheet HTML 21Page - Maxim Integrated Products MAX1463 Datasheet HTML 22Page - Maxim Integrated Products MAX1463 Datasheet HTML 23Page - Maxim Integrated Products MAX1463 Datasheet HTML 24Page - Maxim Integrated Products MAX1463 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Low-Power Two-Channel Sensor
Signal Processor
______________________________________________________________________________________
21
These two FLASH memory locations are separated as
partitions. The program/coefficient memory is FLASH
partition 0 and the information memory is FLASH parti-
tion 1. Each partition is accessible by the serial inter-
face for reading, erasing, and writing data.
Program/coefficient memory partition 0 is accessible by
the CPU as read only, and partition 1 is not accessible
by the CPU. The CPU cannot erase or write data to
either of the FLASH memory partitions.
FLASH partition 0 is selected during the POR cycle.
FLASH partition 1 is selected by sending the halt CPU
command (IRS[7:0]=78h) and changing the partition
selected by sending the change partition command
(IRS[7:0]=F8h). A following halt command (IRS[7:0]=78h)
resets the selected partition to partition 0.
Modifying the FLASH Contents
The MAX1463 FLASH memory contents must be erased
(contents = FFh) before the desired contents can be writ-
ten. There is no individual byte-erase command, but
either a total-erase command (IRS[7:0]=E8h) where all
the selected partition is erased (4kB for partition 0 or 128
bytes for partition 1) or a page-erase command
(IRS[7:0]=D8h), where only 64 bytes are erased, and the
page is selected by PFAR[11:6]. There are 64 pages in
FLASH partition 0, and only 2 pages in FLASH partition 1.
The programming of the MAX1463 FLASH memory
must follow the procedure below (all the commands are
to be sent through the serial interface, and are hexa-
decimal values of IRS[7:0]):
1) Halt the CPU:
78.
2) If partition 1 is to be modified, enter the following
command:
F8
otherwise, partition 0 is selected.
3) Enable the PWRWFL bit on the power-on control
register:
13 02 01 00
(write 1000h to DHR[15:0])
D4
(write Dh to PFAR[3:0])
08
(write DHR, 1000h to CPU port
pointed by PFAR[3:0], port D)
03 02 31 10
(write 0031h to DHR[15:0])
E4
(write Eh to PFAR[3:0])
08
(write DHR, 0031h to CPU port
pointed by PFAR[3:0], port E)
83 02 01 00
(write 8000h to DHR[15:0])
F4
(write Fh to PFAR[3:0])
08
(write DHR, 8000h to CPU port
pointed by PFAR[3:0], port F)
At this point, all of the MAX1463 analog modules
are off. Only the bit that enables writing to the
FLASH is enabled.
4) For erasing the whole partition, send the following
command:
IRS0
IRSA0
IRS1
IRSA1
IRS2
IRSA2
IRS3
IRSA3
IRS4
IRSD0
IRS5
IRSD1
IRS6
IRSD2
IRS7
IRSD3
SCLK
DI
CS
Figure 9. Serial Interface Data Input
IRS0
IRSA0
IRS2
IRSA2
IRS3
IRSA3
IRS4
IRSD0
IRS5
IRSD1
IRS6
IRSD2
IRS7
IRSD3
IRS0
IRSA0
IRS1
IRSA1
IRS2
IRSA2
IRS3
IRSA3
IRS4
IRSD0
IRS5
IRSD1
IRS6
IRSD2
IRS7
IRSD3
DHR15
DHR14
DHR13
DHR12
DHR11
DHR10
DHR9
DHR8
DHR7
DHR6
DHR5
DHR4
DHR3
DHR2
DHR1
DHR0
CS
SCLK
DI
DO
IRS1
IRSA1
Figure 10. 4-Wire Mode Data Read from DHR Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com