Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST20-GP6 Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 52Page - STMicroelectronics ST20-GP6 Datasheet HTML 53Page - STMicroelectronics ST20-GP6 Datasheet HTML 54Page - STMicroelectronics ST20-GP6 Datasheet HTML 55Page - STMicroelectronics ST20-GP6 Datasheet HTML 56Page - STMicroelectronics ST20-GP6 Datasheet HTML 57Page - STMicroelectronics ST20-GP6 Datasheet HTML 58Page - STMicroelectronics ST20-GP6 Datasheet HTML 59Page - STMicroelectronics ST20-GP6 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 123 page
background image
ST20-GP6
56/123
10 Programmable memory interface
The ST20-GP6 programmable memory interface has a 16 bit data bus and provides glueless
support for up to four banks of SRAM memory. Sufficient configuration options are provided to
enable the interface to be used with a wide variety of SRAM speeds, permitting systems to be built
with optimum price/performance trade-offs.
The programmable memory interface is also referred to as the external memory interface (EMI).
The EMI provides configuration information for four independent banks of external memory
devices. The addresses of these bank boundaries are hard wired to give each bank one quarter of
the address space of the machine. Bank 0 occupies the lowest quarter of the [signed] address
space, bank 3 is the highest, see Figure 10.1.
The configuration is held in memory mapped registers within the EMI. Each bank has 64 bits to
hold configuration data. This data is accessed as four 16-bit accesses.
The EMI configuration software ensures that the configuration of a bank is consistent and works
with all devices in the bank before any access to that bank.
Default configurations on start-up (see “Default configuration” on page 65) allow the slowest
memory to be accessed.
Four configuration control registers (one for each bank) are provided which allow the configuration
data registers to be locked. This prevents an accidental overwrite from destroying the emi
configuration. A configuration status register is also provided to show which banks have been
locked and which banks have been configured.
The memory map for the configuration registers within the EMI contains 16 x 16-bit data registers
each located at word boundary, plus four lock control registers and a global register for status
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com