Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST20-GP6 Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 84Page - STMicroelectronics ST20-GP6 Datasheet HTML 85Page - STMicroelectronics ST20-GP6 Datasheet HTML 86Page - STMicroelectronics ST20-GP6 Datasheet HTML 87Page - STMicroelectronics ST20-GP6 Datasheet HTML 88Page - STMicroelectronics ST20-GP6 Datasheet HTML 89Page - STMicroelectronics ST20-GP6 Datasheet HTML 90Page - STMicroelectronics ST20-GP6 Datasheet HTML 91Page - STMicroelectronics ST20-GP6 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 123 page
background image
ST20-GP6
88/123
TxHalfEmpty is an early trigger for the reload routine, while TxEmpty indicates the completed
transmission of the data field of the frame. Therefore, software using handshake should rely on
TxEmpty at the end of a data block to make sure that all data has really been transmitted.
15.4.2 Using the ASC interrupts when fifos are enabled
To transmit a large number of characters back to back, the driver routine would write 16 characters
to
ASCTxBuffer, then every time a TxHalfEmpty interrupt fired, it would write 8 more. When it had
nothing more to send, a
TxEmpty interrupt would tell it when everything has been transmitted.
When receiving, the driver could use
RxBufFull to interrupt every time a character came in. Alter-
natively, if data is coming in back-to-back, it could use
RxHalfFull to interrupt it when there was at
least 8 characters in the rxfifo to read. It would have as long as it takes to receive 8 characters to
respond to this interrupt before data would overrun. If less than eight character streamed in, and no
more were received for at least a timeout period, the driver could be woken up by one of the two
timeout interrupts,
TimeoutNotEmpty or TimeoutIdle.
15.5 ASC configuration registers
ASCBaudRate register
The
ASCBaudRate register is the dual-function baud rate generator/reload register.
A read from this register returns the content of the timer, writing to it updates the reload register.
An auto-reload of the timer with the content of the reload register is performed each time the
ASCBaudRate register is written to. However, if the Run bit of the ASCControl register, see
Table 15.4, is 0 at the time the write operation to the
ASCBaudRate register is performed, the
timer will not be reloaded until the first CPU clock cycle after the
Run bit is 1.
ASCBaudRate
ASC base address + #00
Read/Write
Bit
Bit field
Write Function
Read Function
15:0
ReloadVal
16-bit reload value
16-bit count value
Table 15.1
ASCBaudRate register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com