Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST20-GP6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 33Page - STMicroelectronics ST20-GP6 Datasheet HTML 34Page - STMicroelectronics ST20-GP6 Datasheet HTML 35Page - STMicroelectronics ST20-GP6 Datasheet HTML 36Page - STMicroelectronics ST20-GP6 Datasheet HTML 37Page - STMicroelectronics ST20-GP6 Datasheet HTML 38Page - STMicroelectronics ST20-GP6 Datasheet HTML 39Page - STMicroelectronics ST20-GP6 Datasheet HTML 40Page - STMicroelectronics ST20-GP6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 123 page
background image
ST20-GP6
37/123
6
Interrupt level controller
There are 6 interrupts (of which 2 are external) generated in the ST20-GP6 system and each of
these is assigned to one of the interrupt controller’s 8 inputs. Thus each of the interrupt controller’s
inputs responds to zero or more of the 8 system interrupts.
An interrupt handler routine is able to ascertain the source of an interrupt where two or more sys-
tem interrupts are assigned to one handler by doing a device read from the
InputInterrupts regis-
ter (see Table 6.3) and examining the bits that correspond to the system interrupts assigned to that
handler.
The interrupt level controller has additional functionality to support the low power controller. The
external interrupts are monitored and a signal is generated for the low power controller which tells it
when any of them goes to a pre-determined level. This level is programmable for each external
interrupt, and in addition each interrupt can be selectively masked.
6.1
Interrupt assignments
The interrupts from the peripherals on the ST20-GP6 are assigned as follows:
These interrupts are inputs to the interrupt level controller. This allows these interrupts to be
assigned to any of eight interrupt priority levels and for multiple interrupts to share a priority level.
6.2
Interrupt level controller registers
The interrupt level controller is programmable via configuration registers. These registers can be
examined and set by the
devlw (device load word) and devsw (device store word) instructions.
IntPriority registers
The priority assigned to each of the input interrupts is programmable via the
IntPriority registers.
The interrupt level controller asserts interrupt output
N when one or more of the input interrupts
with programmed priority equal to
N are high. It is level sensitive and re-timed at the input, thus
incurring one cycle of latency.
Interrupt Peripheral
Signals ORed together to generate interrupt signal
0
PIO A
Compare function
1
PIO B
Compare function
2
ASC0
ASC0TxBufEmpty, ASC0TxEmpty, ASC0RxBufFull, ASC0ErrorInterrupt
3
ASC1
ASC1TxBufEmpty, ASC1TxEmpty, ASC1RxBufFull, ASC1ErrorInterrupt
15:4
UNUSED
UNUSED
16
Interrupt0 pin
17
Interrupt1 pin
Table 6.1 Interrupt assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com