Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST20-GP6 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 67Page - STMicroelectronics ST20-GP6 Datasheet HTML 68Page - STMicroelectronics ST20-GP6 Datasheet HTML 69Page - STMicroelectronics ST20-GP6 Datasheet HTML 70Page - STMicroelectronics ST20-GP6 Datasheet HTML 71Page - STMicroelectronics ST20-GP6 Datasheet HTML 72Page - STMicroelectronics ST20-GP6 Datasheet HTML 73Page - STMicroelectronics ST20-GP6 Datasheet HTML 74Page - STMicroelectronics ST20-GP6 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 123 page
background image
ST20-GP6
71/123
The watchdog timer function is enabled by an external pin (
WdEnable). If this pin is held low, then
a watchdog reset will not occur.
12.4 RTC/WDT configuration registers
The RTC/WDT has a number of registers which can be accessed by the CPU. The function of
these registers is described below.
RTCweeks register
The
RTCweeks register contains the value of the weeks counter.
RTCmilliseconds register
The
RTCmilliseconds register contains the value of the milliseconds counter.
RTCload register
A write to the
RTCload register loads the weeks and milliseconds counters with the values cur-
rently set in the
RTCweeks and RTCmilliseconds registers.
To minimize the possibility of the counters being erroneously updated by rogue software, the
counters are only loaded if the correct value (0xA) is written to the
RTCload register. This register
is cleared when the load takes place. It is also cleared when the system is reset.
In addition, the load operation is only enabled if both the milliseconds and weeks registers have
had values written to them since the last load of the counters (or since the system was reset).
RTCstatus register
The
RTCstatus register contains RTC status information.
To avoid the milliseconds and weeks counters being loaded with inconsistent values, the millisec-
onds and weeks registers must not be modified until the update of the counters has completed. To
enable software to detect this situation a status bit is provided in the
RTCstatus register to indicate
RTCweeks
RTC/WDT base address + #00
Read/Write
Bit
Bit field
Function
15:0
RTCweeks
Value of weeks counter.
Table 12.1
RTCweeks register format
RTCmilliseconds
RTC/WDT base address + #04
Read/Write
Bit
Bit field
Function
29:0
RTCmilliseconds
Value of milliseconds counter.
Table 12.2
RTCmilliseconds register format
RTCload
RTC/WDT base address + #08
Write
Bit
Bit field
Function
3:0
RTCload
Loads the counters with the values set in the weeks and milliseconds registers.
Write 0x0A.
Table 12.3
RTCload register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com