Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST20-GP6 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 79Page - STMicroelectronics ST20-GP6 Datasheet HTML 80Page - STMicroelectronics ST20-GP6 Datasheet HTML 81Page - STMicroelectronics ST20-GP6 Datasheet HTML 82Page - STMicroelectronics ST20-GP6 Datasheet HTML 83Page - STMicroelectronics ST20-GP6 Datasheet HTML 84Page - STMicroelectronics ST20-GP6 Datasheet HTML 85Page - STMicroelectronics ST20-GP6 Datasheet HTML 86Page - STMicroelectronics ST20-GP6 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 123 page
background image
ST20-GP6
83/123
Parity may be odd or even, depending on the
ParityOdd bit in the ASCControl register. An even
parity bit will be set, if the modulo-2-sum of the eight data bits is 1. An odd parity bit will be cleared
in this case.
In wake-up mode, received frames are only transferred to the receive buffer register if the ninth bit
(the wake-up bit) is 1. If this bit is 0, no receive interrupt request will be activated and no data will
be transferred.
This feature may be used to control communication in multi-processor systems. When the master
processor wants to transmit a block of data to one of several slaves, it first sends out an address
byte which identifies the target slave. An address byte differs from a data byte in that the additional
ninth bit isa1for an address byte and a 0 for a data byte, so no slave will be interrupted by a data
byte. An address byte will interrupt all slaves (operating in 8-bit data + wake-up bit mode), so each
slave can examine the 8 least significant bits (LSBs) of the received character (the address). The
addressed slave will switch to 9-bit data mode, which enables it to receive the data bytes that will
be coming (with the wake-up bit cleared). The slaves that are not being addressed remain in 8-bit
data + wake-up bit mode, ignoring the following data bytes.
Figure 15.2 9-bit data frames
Transmission
Values to be transmitted are written to the transmit fifo, txfifo, by writing to
ASCTxBuffer. The txfifo
is implemented as a 16 deep array of 9 bit vectors.
If the fifos are enabled (the
ASCControl(FifoEnable) is set), the txfifo is considered full (ASCSta-
tus(TxFull) is set) when it contains 16 characters. Further writes to ASCTxBuffer in this situation
will fail to overwrite the most recent entry in the txfifo. If the fifos are disabled, the txfifo is consid-
ered full (
ASCStatus(TxFull) is set) when it contains 1 character, and a write to ASCTxBuffer in
this situation will overwrite the contents.
If the fifos are enabled,
ASCStatus(TxHalfEmpty) is set when the txfifo contains 8 or fewer char-
acters. If the fifos are disabled, it’s set when the txfifo is empty.
Writing anything to
ASCTxReset empties the txfifo.
Values are shifted out of the bottom of the txfifo into a 9-bit txshift register in order to be transmit-
ted. If the transmitter is idle (the txshift register is empty) and something is written to the
ASCTx-
Buffer so that the txfifo becomes non-empty, the txshift register is immediately loaded from the
txfifo and transmission of the data in the txshift register begins at the next baud rate tick.
start
bit
D0
D1
D2
D3
D4
D5
D6
9th
bit
(LSB)
1st
stop
bit
2nd
stop
bit
• Data bit (D8)
• Parity bit
D7
• Wake-up bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com