| Electronic Components Datasheet Search |
|
ST20-GP6 Datasheet(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP6 Datasheet(HTML) 27 Page - STMicroelectronics |
|
27 / 123 page ![]() ST20-GP6 27/123 4.6.3 Trap handlers For each trap handler there is a trap handler structure and a trapped process structure. Both the trap handler structure and the trapped process structure are in memory and can be accessed via instructions, see section 4.6.4. The trap handler structure specifies what should happen when a trap condition is present, see Table 4.5. The trapped process structure saves some of the state of the process that was running when the trap was taken, see Table 4.6. In addition, for each priority, there is an Enables register and a Status register. The Enables regis- ter contains flags to enable each cause of trap. The Status register contains flags to indicate which trap conditions have been detected. The Enables and Status register bit encodings are given in Table 4.4. A trap will be taken at an interruptible point if a trap is set and the corresponding trap enable bit is set in the Enables register. If the trap is not enabled then nothing is done with the trap condition. If the trap is enabled then the corresponding bit is set in the Status register to indicate the trap con- dition has occurred. When a process takes a trap the processor saves the existing Iptr, Wptr, Status and Enables in the trapped process structure. It then loads Iptr, Wptr and Status from the equivalent trap handler structure and ANDs the value in Enables with the value in the structure. This allows the user to dis- able various events while in the handler, in particular a trap handler must disable all the traps of its trap group to avoid the possibility of a handler trapping to itself. The trap handler then executes. The values in the trapped process structure can be examined using the ldtrapped instruction (see section 4.6.4). When the trap handler has completed its opera- Comments Location Iptr Iptr of trap handler process. Base + 3 Wptr Wptr of trap handler process. A null Wptr indicates that a trap handler has not been installed. Base + 2 Status Contains the Status register that the trap handler starts with. Base + 1 Enables A word which encodes the trap enable and global interrupt masks, which will be ANDed with the existing masks to allow the trap handler to disable various events while it runs. Base + 0 Table 4.5 Trap handler structure Comments Location Iptr Points to the instruction after the one that caused the trap condition. Base + 3 Wptr Wptr of the process that was running when the trap was taken. Base + 2 Status The relevant trap bit is set, see Table 4.3 for trap codes. Base + 1 Enables Interrupt enables. Base + 0 Table 4.6 Trapped process structure |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |