Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST20-GP6 Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 72Page - STMicroelectronics ST20-GP6 Datasheet HTML 73Page - STMicroelectronics ST20-GP6 Datasheet HTML 74Page - STMicroelectronics ST20-GP6 Datasheet HTML 75Page - STMicroelectronics ST20-GP6 Datasheet HTML 76Page - STMicroelectronics ST20-GP6 Datasheet HTML 77Page - STMicroelectronics ST20-GP6 Datasheet HTML 78Page - STMicroelectronics ST20-GP6 Datasheet HTML 79Page - STMicroelectronics ST20-GP6 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 123 page
background image
ST20-GP6
76/123
The host can communicate with the DCU via a private link, using the 5 standard test pins.
Target software also has access to the diagnostic facilities and access through the DCU to the host
memory.
A logic state analyzer can be connected to the
TriggerIn and TriggerOut pins. The response to
TriggerIn and the events that cause a TriggerOut signal can be controlled by the host or by target
software.
The diagnostic controller provides debugging facilities with much less impact on the software and
target performance. In particular it gives:
•
non-intrusive attachment to the host system;
•
no intrusion into the performance of the CPU or any subsystems;
•
no intrusion into the code space, so the application builder does not need to add a debug-
ging kernel;
•
no intrusion into any on-chip functional modules, including any communications facilities;
•
no functional external connection pins are used.
The connections between the diagnostic controller and other on-chip modules and external hard-
ware may vary between ST20 variants.
14.2 Access features
14.2.1 Access to target memory and peripheral registers from host
Full read and write access to the entire on-chip and external memory space is available via the
TAP. This is independent of the state of the CPU.
The DCU cannot directly access configuration registers in the on-chip peripheral space. However
this is possible via the CPU, and for this the CPU must be active with the appropriate handler
installed. Normally the DCU would initiate a trap, and the trap handler would access the appropri-
ate configuration register.
By convention, registers in the address range #20000000 to #3FFFFFFF are in the on-chip periph-
eral space and can only be accessed by the CPU. Registers and memory outside this range are
connected to the address bus and can be accessed directly by the DCU.
14.2.2 Access from target CPU process
The CPU itself can program its own diagnostic controller. Further access may be explicitly pre-
vented by the lock mechanism so that the application being debugged cannot interfere with the
breakpoint and watchpoint settings. When the breakpoint or watchpoint match occurs, then the
diagnostic controller may release the lock according to settings in the control register.
14.2.3 Access to host memory from target
If the target CPU accesses any address in the top half of the DCU memory space, then these
accesses are mapped on to host memory via the TAP as target initiated peek and poke messages.
Peek accesses and poke accesses are specifically enabled by separate property bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com