Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST20-GP6 Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 86Page - STMicroelectronics ST20-GP6 Datasheet HTML 87Page - STMicroelectronics ST20-GP6 Datasheet HTML 88Page - STMicroelectronics ST20-GP6 Datasheet HTML 89Page - STMicroelectronics ST20-GP6 Datasheet HTML 90Page - STMicroelectronics ST20-GP6 Datasheet HTML 91Page - STMicroelectronics ST20-GP6 Datasheet HTML 92Page - STMicroelectronics ST20-GP6 Datasheet HTML 93Page - STMicroelectronics ST20-GP6 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 123 page
background image
ST20-GP6
90/123
ASCRxBuffer register
The received data and, if provided by the selected operating mode, the received parity bit can be
read from the receive buffer register.
ASCControl register
This register controls the operating mode of the ASC and contains control bits for mode and error
check selection, and status flags for error identification.
Note: Programming the mode control field (Mode) to one of the reserved combinations may result
in unpredictable behavior.
Note: Serial data transmission or reception is only possible when the baud rate generator run bit
(
Run) is set to 1. When the Run bit is set to 0, TXD will be 1. Setting the Run bit to 0 will immedi-
ately freeze the state of the transmitter and receiver. This should only be done when the ASC is
idle.
ASCRxBuffer
ASC base address + #08
Read only
Bit
Bit field
Function
0
RD0
Receive buffer data
D0
1
RD1
Receive buffer data
D1
2
RD2
Receive buffer data
D2
3
RD3
Receive buffer data
D3
4
RD4
Receive buffer data
D4
5
RD5
Receive buffer data
D5
6
RD6
Receive buffer data
D6
7
RD7/Parity
Receive buffer data
D7, or parity bit - dependent on the operating mode (the setting of the
Mode bit in the ASCControl register).
8
RD8/Parity/
Wake/X
Receive buffer data
D8, or parity bit, or wake-up bit - dependent on the operating mode (the
setting of the
Mode field in the ASCControl register).
Note: If the
Mode field selects a 7- or 8-bit frame then this bit is undefined. Software should
ignore this bit when reading 7- or 8-bit frames.
15:9
RESERVED. Will read back 0.
Table 15.3
ASCRxBuffer register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com