| Electronic Components Datasheet Search |
|
ST20-GP6 Datasheet(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP6 Datasheet(HTML) 35 Page - STMicroelectronics |
|
35 / 123 page ![]() ST20-GP6 35/123 Set_Mask (address ‘interrupt base address + #C4’) allows bits to be set individually. Writing a ‘1’ in this register sets the corresponding bit in the Mask register, a ‘0’ leaves the bit unchanged. Clear_Mask (address ‘interrupt base address + #C8’) allows bits to be cleared individually. Writing a ‘1’ in this register resets the corresponding bit in the Mask register, a ‘0’ leaves the bit unchanged. Pending register The Pending register contains a bit per interrupt with each bit controlled by the corresponding interrupt. A read can be used to examine the state of the interrupt controller while a write can be used to explicitly trigger an interrupt. A bit is set when the triggering condition for an interrupt is met. All bits are independent so that sev- eral bits can be set in the same cycle. Once a bit is set, a further triggering condition will have no effect. The triggering condition is independent of the Mask register. The highest priority interrupt bit is reset once the interrupt controller has made an interrupt request to the CPU. The interrupt controller receives external interrupt requests and makes an interrupt request to the CPU when it has a pending interrupt request of higher priority than the currently executing interrupt handler. The Pending register is mapped onto two additional addresses so that bits can be set or cleared individually. Set_Pending (address ‘interrupt base address + #84’) allows bits to be set individually. Writing a ‘1’ in this register sets the corresponding bit in the Pending register, a ‘0’ leaves the bit unchanged. Clear_Pending (address ‘interrupt base address + #88’) allows bits to be cleared individually. Writ- ing a ‘1’ in this register resets the corresponding bit in the Pending register, a ‘0’ leaves the bit unchanged. Note, if the CPU wants to write or clear some bits of the Pending register, the interrupts should be masked (by writing or clearing the Mask register) before writing or clearing the Pending register. The interrupts can then be unmasked. Exec register The Exec register keeps track of the currently executing and pre-empted interrupts. A bit is set when the CPU starts running code for that interrupt. The highest priority interrupt bit is reset once the interrupt handler executes a return from interrupt (iret). Pending Interrupt controller base address + #80 Read/Write Bit Bit field Function 7:0 PendingInt7:0 Interrupt pending bit. Table 5.4 Bit fields in the Pending register Exec Interrupt controller base address + #100 Read/Write Bit Bit field Function 7:0 Interrupt7:0Exec Set to 1 when the CPU starts running code for interrupt. Table 5.5 Bit fields in the Exec register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |