Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF8549 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8549 Datasheet HTML 1Page - NXP Semiconductors PCF8549 Datasheet HTML 2Page - NXP Semiconductors PCF8549 Datasheet HTML 3Page - NXP Semiconductors PCF8549 Datasheet HTML 4Page - NXP Semiconductors PCF8549 Datasheet HTML 5Page - NXP Semiconductors PCF8549 Datasheet HTML 6Page - NXP Semiconductors PCF8549 Datasheet HTML 7Page - NXP Semiconductors PCF8549 Datasheet HTML 8Page - NXP Semiconductors PCF8549 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
1997 Nov 21
5
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
T1, T2, T3, T4, T5, T6 AND T7: TEST PADS
T1, T3, T4, T5, T6 and T7 must be connected to VSS1, T2
is to be left open. Not accessible to user.
SDA/SDA_OUT: I2CDATA LINES
Output and input are separated. If both pads are
connected together they behave like a standard I2C pad.
SCL: I2C CLOCK SIGNAL
Input for the I2C-bus clock signal.
SA0: SLAVE ADDRESS
With the SA0 pin two different slave addresses can be
selected. That allows to connect two PCF8549 LCD
drivers to the same I2C-bus.
OSC: OSCILLATOR
When the on-chip oscillator is used this input must be
connected to VDD1. An external clock signal, if used, is
connected to this input.
RES: RESET
This signal will reset the device. Signal is active low.
FUNCTIONAL DESCRIPTION
Block diagram functions
OSCILLATOR
The on-chip oscillator provides the clock signal for the
display system. No external components are required and
the OSC input must be connected to VDD1. An external
clock signal, if used, is connected to this input.
I2CINTERFACE
The I2C interface receives and executes the commands
sent via the I2C-bus. It also receives RAM-data and sends
them to the RAM. During read access the 8-bit parallel
data or the status register content is converted to a serial
data stream and output via the I2C-bus.
DISPLAY CONTROL LOGIC
The display control logic generates the control signals to
read out the RAM via the 101 bit parallel port. It also
generates the control signals for the row, and
column drivers.
DISPLAY DATA RAM (DDRAM)
The PCF8549 contains a 65
× 102 bit static RAM which
stores the display data. The RAM is divided into 8 banks of
102 bytes and one bank of 102 bits
((8
× 8+1) × 102 bits). During RAM access, data is
transferred to the RAM via the I2C interface. There is a
direct correspondence between X-address and column
output number.
TIMING GENERATOR
The timing generator produces the various signals
required to drive the internal circuitry. Internal chip
operation is not disturbed by operations on the I2C-bus.
LCD ROW AND COLUMN DRIVERS
The PCF8549 contains 65 row and 102 column drivers,
which connect the appropriate LCD bias voltages to the
display in accordance with the data to be displayed.
Figure 2 shows typical waveforms. Unused outputs should
be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com