Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF8549 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8549 Datasheet HTML 12Page - NXP Semiconductors PCF8549 Datasheet HTML 13Page - NXP Semiconductors PCF8549 Datasheet HTML 14Page - NXP Semiconductors PCF8549 Datasheet HTML 15Page - NXP Semiconductors PCF8549 Datasheet HTML 16Page - NXP Semiconductors PCF8549 Datasheet HTML 17Page - NXP Semiconductors PCF8549 Datasheet HTML 18Page - NXP Semiconductors PCF8549 Datasheet HTML 19Page - NXP Semiconductors PCF8549 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
1997 Nov 21
16
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
Function Set
PD (POWER DOWN)
• All LCD outputs at VSS (display off)
• Bias generator and VLCD generator off
• Oscillator off (external clock possible)
• VLCD can be disconnected
• Parallel bus, command, etc. function
• RAM contents not cleared; RAM data can be written.
V
When V = 0, the horizontal addressing is selected. The
data is written into the RAM as shown in Fig.6. When
V = 1, the vertical addressing is selected. The data is
written into the RAM as shown in Fig.7.
H
When H = 0 the commands ‘display control’, ‘set
Y address’ and ‘set X address’ can be performed, when
H = 1 the other commands can be executed. The
commands ‘write data’ and ‘function set’ can be executed
in both cases.
MX
When MX = 0, the display is written from left to right (X = 0
is on the left side, X = 100 is on the right side of the
display). When MX = 1 the display is written from right to
left (X = 0 is on the right side, X = 100 is on the left side of
the display).
MY
When MY = 1, the display is mirrored vertically.
Display Control
D AND E
The bits D and E select the display mode (see Table 2).
Set Y address of RAM
Y[3 : 0] defines the Y address vector address of the RAM.
Table 3
X-/Y-Address range
In bank 8 only the MSB is accessed.
Set X address of RAM
The X address points to the columns. The range of X is 0 to 101(65 hex).
Temperature Control
Due to the temperature dependency of the liquid crystals viscosity the LCD controlling voltage VLCD must be increased
with lower temperature to maintain optimal contrast. There are 4 different temperature coefficients available in the
YYYY
3 210
CONTENT
ALLOWED X-RANGE
0000
bank 0 (display RAM)
0 to 101
0001
bank 1 (display RAM)
0 to 101
0010
bank 2 (display RAM)
0 to 101
0011
bank 3 (display RAM)
0 to 101
0100
bank 4 (display RAM)
0 to 101
0101
bank 5 (display RAM)
0 to 101
0110
bank 6 (display RAM)
0 to 101
0111
bank 7 (display RAM)
0 to 101
1000
bank 8 (display RAM)
0 to 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com