Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF8549 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF8549 Datasheet HTML 18Page - NXP Semiconductors PCF8549 Datasheet HTML 19Page - NXP Semiconductors PCF8549 Datasheet HTML 20Page - NXP Semiconductors PCF8549 Datasheet HTML 21Page - NXP Semiconductors PCF8549 Datasheet HTML 22Page - NXP Semiconductors PCF8549 Datasheet HTML 23Page - NXP Semiconductors PCF8549 Datasheet HTML 24Page - NXP Semiconductors PCF8549 Datasheet HTML 25Page - NXP Semiconductors PCF8549 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
1997 Nov 21
22
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
AC CHARACTERISTICS
Table 8
VDD1 = 1.5 to 6 V; VDD2/2_HV = 2.4 to 5.0 V; VDD2 = VDD2_HV; VSS1 = VSS2 = VSS2_HV = 0 V; VLCD =7to16V;
Tamb = −40 to +85 °C; unless otherwise specified.
Note
1.
2. Duty cycle of 50 +/-5%.
3. The rise and fall times specified here refer to the driver device (i.e. not PCF8549) and are part of the general fast
I2C-bus specification. When PCF8549 asserts an acknowledge on SDA, the minimum fall time is 10ns. Cb=
capacitive load per bus line.
4. The device inputs SDA and SCL are filtered and will reject spikes on the bus lines of width < tSW(max).
5. Not tested in production
6. Only for VDD1= 2V to 6V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
fOSC
oscillator frequency
19
32
64
kHz
fEXT
external clock frequency
(2)
10
32
64
kHz
tstart
oscillator start up time
(5)
450
1600
us
fFRAME
frame frequency
fEXT = 32 kHz;(1)
62
Hz
tVHRL
VDD to RES Low
(5)
1ms
tPWRES
reset low pulse width
400
−−
ns
I2C timing characteristics
fSCLK
SCL clock frequency
(6)
DC
400
kHz
tLOW
SCL clock low period
1.3
−−
us
tHIGH
SCL clock high period
0.6
−−
us
tSU;Data
Data set-up time
100
−−
ns
tHD;Data
Data hold time
0
0.9
us
tR
SCL and SDA rise time
(3)
20 + 0.1 Cb
300
ns
tF
SCL and SDA fall time
(3)
20 + 0.1 Cb
300
ns
cb
Capacitive load represented by each
bus line
−−
400
pF
tSU;STA
setup time for a repeated START con-
dition
0.6
−−
us
tHD;STA
start condition hold time
0.6
−−
us
tSU;DAT
data set-up time
100
−−
ns
tHD;DAT
data hold-time
0
−−
ns
tSU;STO
setup time for STOP condition
0.6
−−
us
tSW
tolerable spike width on bus
(4)
−−
50
ns
tBUF
BUS free time between a STOP and
START condition
1.3
−−
us
f
FRAME
f
EXT
520
-----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com