Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF8549 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF8549 Datasheet HTML 16Page - NXP Semiconductors PCF8549 Datasheet HTML 17Page - NXP Semiconductors PCF8549 Datasheet HTML 18Page - NXP Semiconductors PCF8549 Datasheet HTML 19Page - NXP Semiconductors PCF8549 Datasheet HTML 20Page - NXP Semiconductors PCF8549 Datasheet HTML 21Page - NXP Semiconductors PCF8549 Datasheet HTML 22Page - NXP Semiconductors PCF8549 Datasheet HTML 23Page - NXP Semiconductors PCF8549 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
1997 Nov 21
20
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134); all voltages referred to VSS = 0V unless otherwise
specified.
Notes
1. Stresses above those listed under Limiting Values may cause permanent damage to the device.
2. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to
VSS unless otherwise noted.
3. with external LCD supply voltage external supplied (voltage generator disabled). VDDmax (VDD2,VDD2_HV) is 5V if
LCD supply voltage is internally generated (voltage generator enabled).
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices (see “Handling MOS Devices”). The PCF8549
withstands the following stress:
• approximately 1.0kV Human Body Model
• approximately 150V Machine Model
SYMBOL
PARAMETER
MIN
MAX
UNIT
VDD
supply voltage range
-0.5
+7
V
VLCD
supply voltage range LCD
-0.5
+17
V
ISS
supply current
-50
50
mA
Vi/VO
input/output voltage range
-0.5
VDD+0.5
V
VOLCD
LCD output voltage range
-0.5
VLCD+0.5
V
Ii
DC input current
-10
10
mA
Io
DC output current
-10
10
mA
PTOT
power dissipation per package
-
300
mW
PO
power dissipation per output
-
50
mW
TAMB
operating ambient temperature.
range
-40
+85
°C
TSTG
storage temperature range
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com