Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF8549 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8549 Datasheet HTML 10Page - NXP Semiconductors PCF8549 Datasheet HTML 11Page - NXP Semiconductors PCF8549 Datasheet HTML 12Page - NXP Semiconductors PCF8549 Datasheet HTML 13Page - NXP Semiconductors PCF8549 Datasheet HTML 14Page - NXP Semiconductors PCF8549 Datasheet HTML 15Page - NXP Semiconductors PCF8549 Datasheet HTML 16Page - NXP Semiconductors PCF8549 Datasheet HTML 17Page - NXP Semiconductors PCF8549 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
1997 Nov 21
14
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
INSTRUCTIONS
The instruction format is divided into two modes: If D/C is set low, the status byte can be read or commands can be sent
to the chip, depending on the R/W signal. If D/C is set high, the DDRAM will be accessed. Every instruction can be sent
in any order to the PCF8549.
Table 1
Instruction set
INSTRUCTION
D/CR/W
COMMAND BYTE
DESCRIPTION
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
H=0or1
NOP
0
0
0
0
0
0
0
0
0
0
no operation
Function Set
0
0
0
0
1
MX
MY
PD
V
H
power down control; entry mode;
Extended Instruction Set control (H)
Read Status Byte
0
1
PD
X
X
D
E
MX
MY
X
reads status byte
Write Data
1
0
D7
D6
D5
D4
D3
D2
D1
D0
writes data to RAM
Read Data
1
1
D7
D6
D5
D4
D3
D2
D1
D0
reads data from RAM
H=0
Set Read Modify
Write
0
0
0
0
0
0
0
0
1
RM
sets the read-modify-write mode
Reserved
0
0
0
0
0
0
0
1
X
X
do not use
Display Control
0
0
0
0
0
0
1
D
0
E
sets display configuration
Reserved
0
0
0
0
0
1
X
X
X
X
do not use
Set Y address of
RAM
000100Y3
Y2
Y1
Y0
sets Y-address of RAM: 0
≤ Y ≤ 8
Set X address of
RAM.
001X6
X5
X4
X3
X2
X1
X0
sets X-address of RAM: 0
≤ X ≤ 101
H=1
Reserved
0
0
0
0
0
0
0
0
0
1
do not use
Reserved
0
0
0
0
0
0
0
0
1
X
do not use
Temperature Control 0
0
0
0
0
0
0
1
TC1
TC0
set temperature coefficient (TCx)
Reserved
0
0
0
0
0
0
1
X
X
X
do not use
Bias System
0
0
0
0
0
1
0
BS2
BS1
BS0
Set Bias System(BSx)
Reserved
0
0
0
1
X
X
X
X
X
X
do not use (reserved for test...)
Set VOP
001VOP6
VOP5
VOP4
VOP3
VOP2
VOP1
VOP0
write VOP to register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com