Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF8549 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCF8549 Datasheet HTML 7Page - NXP Semiconductors PCF8549 Datasheet HTML 8Page - NXP Semiconductors PCF8549 Datasheet HTML 9Page - NXP Semiconductors PCF8549 Datasheet HTML 10Page - NXP Semiconductors PCF8549 Datasheet HTML 11Page - NXP Semiconductors PCF8549 Datasheet HTML 12Page - NXP Semiconductors PCF8549 Datasheet HTML 13Page - NXP Semiconductors PCF8549 Datasheet HTML 14Page - NXP Semiconductors PCF8549 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
1997 Nov 21
11
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
RAM access
If the D/C bit is 1 the RAM can be accessed in both read
and write access mode, depending on the R/W bit. The
data is written to the RAM during the acknowledge cycle.
I2C-BUS INTERFACE
Characteristics of the I2C-bus
The I2C-bus is for bi-directional, two-line communication
between different ICs or modules. The two lines are a
serial data line (SDA) and a serial clock line (SCL). Both
lines must be connected to a positive supply via a pull-up
resistor. Data transfer may be initiated only when the bus
is not busy.
BIT TRANSFER (see Fig.9)
One data bit is transferred during each clock pulse. The
data on the SDA line must remain stable during the HIGH
Fig.8 Read modify write access.
Set Address
Set Read
Modify Write Mode
Read Data
Write Data
END
Finished?
no
yes
period of the clock pulse as changes in the data line at this
time will be interpreted as a control signal.
START AND STOP CONDITIONS (see Fig.10)
Both data and clock lines remain HIGH when the bus is not
busy. A HIGH-to-LOW transition of the data line, while the
clock is HIGH is defined as the START condition (S). A
LOW-to-HIGH transition of the data line while the clock is
HIGH is defined as the STOP condition (P).
SYSTEM CONFIGURATION (see Fig.11)
• Transmitter: The device which sends the data to the bus
• Receiver: The device which receives the data from the
bus
• Master: The device which initiates a transfer, generates
clock signals and terminates a transfer
• Slave: The device addressed by a master
• Multi-Master: More than one master can attempt to
control the bus at the same time without corrupting the
message
• Arbitration: Procedure to ensure that, if more than one
master simultaneously tries to control the bus, only one
is allowed to do so and the message is not corrupted
• Synchronisation: Procedure to synchronize the clock
signals of two or more devices.
ACKNOWLEDGE (see Fig.12)
Each byte of eight bits is followed by an acknowledge bit.
The acknowledge bit is a HIGH signal put on the bus by
the transmitter during which time the master generates an
extra acknowledge related clock pulse. A slave receiver
which is addressed must generate an acknowledge after
the reception of each byte. Also a master receiver must
generate an acknowledge after the reception of each byte
that has been clocked out of the slave transmitter. The
device that acknowledges must pull-down the SDA line
during the acknowledge clock pulse, so that the SDA line
is stable LOW during the HIGH period of the acknowledge
related clock pulse (set-up and hold times must be taken
into consideration). A master receiver must signal an end
of data to the transmitter by not generating an
acknowledge on the last byte that has been clocked out of
the slave. In this event the transmitter must leave the data
line HIGH to enable the master to generate a stop
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com