Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF8549 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF8549 Datasheet HTML 15Page - NXP Semiconductors PCF8549 Datasheet HTML 16Page - NXP Semiconductors PCF8549 Datasheet HTML 17Page - NXP Semiconductors PCF8549 Datasheet HTML 18Page - NXP Semiconductors PCF8549 Datasheet HTML 19Page - NXP Semiconductors PCF8549 Datasheet HTML 20Page - NXP Semiconductors PCF8549 Datasheet HTML 21Page - NXP Semiconductors PCF8549 Datasheet HTML 22Page - NXP Semiconductors PCF8549 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
1997 Nov 21
19
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
Table 6
Typical values for parameters for the HV-Generator programming
SYMBOL
VALUE
UNIT
a
7.06
V
b
0.06
V
TCUT
16
0C
TC
00
V/oC
01
V/oC
10
V/oC
11
V/oC
0.142 10
3
V
LCD TTCUT
=
()
⋅⋅
1.3 10
3
V
LCD TTCUT
=
()
⋅⋅
2.467 10
3
V
LCD TTCUT
=
()
⋅⋅
3.483 10
3
V
LCD TTCUT
=
()
⋅⋅
Fig.15 VOP programming of PCF8549.
VOP[6:0] (programmed) [00 hex ... 7F hex]
00 01 02 03 04 05 06 07
08 09 0A ...
a
VLCD
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com