Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF8549 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8549 Datasheet HTML 24Page - NXP Semiconductors PCF8549 Datasheet HTML 25Page - NXP Semiconductors PCF8549 Datasheet HTML 26Page - NXP Semiconductors PCF8549 Datasheet HTML 27Page - NXP Semiconductors PCF8549 Datasheet HTML 28Page - NXP Semiconductors PCF8549 Datasheet HTML 29Page - NXP Semiconductors PCF8549 Datasheet HTML 30Page - NXP Semiconductors PCF8549 Datasheet HTML 31Page - NXP Semiconductors PCF8549 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
1997 Nov 21
28
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
The pinning of the PCF8549 is optimized for single plane wiring e.g. for chip-on-glass display modules.
Display size: 65
× 102 pixels.
CHIP INFORMATION
The PCF8549 is manufactured in n-well CMOS technology.
The substrate is on VSS potential.
Fig.19 Application diagram: Connecting the power supplies
DISPLAY 102x65
PCF8549
C1
C2
C3
C4
I/O
C1
100nF
C2
100nF
C4
100nF
C3
1uF
33
32
102
13
VDD1
VSS
1.5V
VDD2
VSS
2.4V
VDD2HV
VDD2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com