Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF8549 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8549 Datasheet HTML 11Page - NXP Semiconductors PCF8549 Datasheet HTML 12Page - NXP Semiconductors PCF8549 Datasheet HTML 13Page - NXP Semiconductors PCF8549 Datasheet HTML 14Page - NXP Semiconductors PCF8549 Datasheet HTML 15Page - NXP Semiconductors PCF8549 Datasheet HTML 16Page - NXP Semiconductors PCF8549 Datasheet HTML 17Page - NXP Semiconductors PCF8549 Datasheet HTML 18Page - NXP Semiconductors PCF8549 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
1997 Nov 21
15
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
Table 2
Explanations for symbols in Table 1
External reset (RES)
After power-on a reset pulse has to be applied immediately to the chip, as it is in an undefined state. A reset of the chip
can be achieved with the external reset pin. After the reset the LCD driver is set to the following status:
• Power down mode (PD = 1)
• All LCD-outputs at VSS (display off)
• Read-modify-write mode is disabled (RM = 0)
• Horizontal addressing (V = 0)
• Normal instruction set (H = 0)
• Normal display (MX = MY = 0)
• Display blank (E = D = 0)
• Address counter X[6 : 0] = 0 and Y[3 : 0] = 0
• Temperature coefficient (TC[1 : 0] = 0)
• Bias system (BS[2 : 0] = 0)
• Read-modify-write mode disabled (RM = 0)
• VLCD is equal to 0, the HV generator is switched off (VOP[6 :0]=0)
• After power-on, RAM data are undefined; The reset signal does not change the content of the RAM.
Set read-modify-write
When RM = 0, the read-modify-write mode is disabled. The X/Y-address counter is incremented after every read or write
access to the display data RAM.
When RM = 1, the read-modify-write mode is enabled. In this mode the X/Y-address is incremented only after a write
access to the display data RAM. The X/Y-address will not be incremented after a read access to the RAM.
BIT
0
1
RESET STATE
PD
chip is active
chip is in power down mode
1
V
horizontal addressing
vertical addressing
0
H
use basic instruction set
use extended instruction set
0
MX
normal X-addressing
X-address is mirrored
0
MY
display is not vertically mirrored
display is vertically mirrored
0
RM
read-modify-write mode is disabled read-modify-write mode is enabled 0
D and E
00
display blank
D = 0
E=0
10
normal mode
01
all display segments on
11
inverse video mode
TC[1 : 0] 00
VLCD temperature coefficient 0
TC[1 : 0] = 00
01
VLCD temperature coefficient 1
10
VLCD temperature coefficient 2
11
VLCD temperature coefficient 3
BS[2 : 0]
bias system
BS[2 : 0] = 000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com