Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF8549 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8549 Datasheet HTML 2Page - NXP Semiconductors PCF8549 Datasheet HTML 3Page - NXP Semiconductors PCF8549 Datasheet HTML 4Page - NXP Semiconductors PCF8549 Datasheet HTML 5Page - NXP Semiconductors PCF8549 Datasheet HTML 6Page - NXP Semiconductors PCF8549 Datasheet HTML 7Page - NXP Semiconductors PCF8549 Datasheet HTML 8Page - NXP Semiconductors PCF8549 Datasheet HTML 9Page - NXP Semiconductors PCF8549 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
1997 Nov 21
6
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
Fig.2 Typical LCD driver waveforms.
VLCD
V2
V3
V4
V5
VSS
ROW 0
R0 (t)
VLCD
V2
V3
V4
V5
VSS
ROW 2
R2 (t)
VLCD
V2
V3
V4
V5
VSS
COL 0
C0 (t)
VLCD
V2
V3
V4
V5
VSS
COL 1
C1 (t)
VLCD
V3
VLCD - V2
0 V
V3 - V2
VLCD
V3
VLCD - V2
0 V
V3 - V2
Vstate1(t)
Vstate2(t)
frame n+1
frame n
Vstate1(t) = C1(t) - R0(t)
Vstate2(t) = C1(t) - R2(t)
V4 - V5
0 V
V5
V4 - VLCD
- VLCD
V4 - V5
0 V
V5
V4 - VLCD
- VLCD
VSS=0V
0 2 4 6 8 10 ...
... 64 1 3 5 7 9 ...
... 63 0 2 4 6 8 10 ...
... 64 1 3 5 7 9 ...
... 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com