Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF8549 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8549
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8549 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8549 Datasheet HTML 20Page - NXP Semiconductors PCF8549 Datasheet HTML 21Page - NXP Semiconductors PCF8549 Datasheet HTML 22Page - NXP Semiconductors PCF8549 Datasheet HTML 23Page - NXP Semiconductors PCF8549 Datasheet HTML 24Page - NXP Semiconductors PCF8549 Datasheet HTML 25Page - NXP Semiconductors PCF8549 Datasheet HTML 26Page - NXP Semiconductors PCF8549 Datasheet HTML 27Page - NXP Semiconductors PCF8549 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
1997 Nov 21
24
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8549
APPLICATION INFORMATION
Table 9
programming example for PCF8549
STEP
DISPLAY
OPERATION
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
1I2C start
2
0
1
1
1
1
0
0
0
Slave address for write
3
0
0
0
0
0
0
0
0
Control byte with cleared CO bit
and D/C set to 0.
4
0
0
1
0
0
0
0
1
Function Set
PD = 0; V = 0; select extended
instruction set (H = 1 mode)
5
0
0
0
1
0
0
1
0
Set Bias System 2. This is the
recommended Bias System for a
multiplex rate 1:65
6
1
1
1
0
1
0
1
0
set VOP
VOP is set to a +16 × b [V].
Please note: The required
voltage is depending on the
liquid.
7
0
0
1
0
0
0
0
0
Function Set
PD = 0; V = 0; select normal
instruction set (H = 0 mode)
8
0
0
0
0
1
1
0
0
Display Control
set normal mode
(D = 1 and E = 0)
9I2C start
Restart: To write into the Display
RAM the D/C must be set to 1;
therefore a control byte is
needed.
10
0
1
1
1
1
0
0
0
Slave address for write
11
0
1
0
0
0
0
0
0
Control byte with cleared CO bit
and D/C set to 1.
12
1
1
1
1
1
0
0
0
Data Write
Y and X are initialized to 0 by
default, so they aren’t set here
13
1
0
1
0
0
0
0
0
Data Write
14
1
1
1
0
0
0
0
0
Data Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com