Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 25Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 26Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 27Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 28Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 29Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 30Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 31Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 32Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 170 page
background image
Only one of these vector maps - M0 vector, PIE vector, BROM vector - should be enabled at a time.
LEGEND:
Block
Start Address
0x00 0000
M0 Vector - RAM (32 x 32)
(Enabled if VMAP = 0)
×
BROM Vector - ROM (32 x 32)
(Enabled if VMAP = 1, MP/
= 0, ENPIE = 0)
MC
×
Data Space
Prog Space
M0 SARAM (1K x 16)
M1 SARAM (1K x 16)
×
Peripheral Frame 0
0x00 0040
0x00 0400
0x00 0800
PIE Vector - RAM
(256 x 16)
(Enabled if
VMAP = 1, ENPIE = 1)
L0 SARAM (4K x 16, Secure Block)
Peripheral Frame 1
(Protected)
Peripheral Frame 2
(Protected)
L1 SARAM (4K x 16, Secure Block)
×
OTP (or ROM) (1K x 16, Secure Block)
Flash (or ROM) (128K x 16, Secure Block)
128-Bit Password
H0 SARAM (8K x 16)
Boot ROM (4K x 16)
(Enabled if MP/
= 0)
MC
0x00 0D00
0x00 0E00
0x00 2000
0x00 6000
0x00 7000
0x00 8000
0x00 9000
0x00 A000
0x3D 7800
0x3D 7C00
0x3F 7FF8
0x3F 8000
0x3F A000
0x3F F000
0x3F FFC0
On-Chip Memory
0x3D 8000
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved (1K)
Reserved
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
A.
Memory blocks are not to scale.
B.
Reserved locations are reserved for future expansion. Application should not access these areas.
C.
Peripheral Frame 0, Peripheral Frame 1, and Peripheral Frame 2 memory maps are restricted to data memory only.
User program cannot access these memory maps in program space.
D.
“Protected” means the order of Write followed by Read operations is preserved rather than the pipeline order.
E.
Certain memory ranges are EALLOW protected against spurious writes after configuration.
Figure 3-3. F2811/C2811 Memory Map
Copyright © 2001–2011, Texas Instruments Incorporated
Functional Overview
29
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com