Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 77Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 78Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 79Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 80Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 81Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 82Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 83Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 84Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
The SPI port operation is configured and controlled by the registers listed in Table 4-10.
Table 4-10. SPI Registers(1)
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
SPICCR
0x00 7040
1
SPI Configuration Control Register
SPICTL
0x00 7041
1
SPI Operation Control Register
SPISTS
0x00 7042
1
SPI Status Register
SPIBRR
0x00 7044
1
SPI Baud Rate Register
SPIRXEMU
0x00 7046
1
SPI Receive Emulation Buffer Register
SPIRXBUF
0x00 7047
1
SPI Serial Input Buffer Register
SPITXBUF
0x00 7048
1
SPI Serial Output Buffer Register
SPIDAT
0x00 7049
1
SPI Serial Data Register
SPIFFTX
0x00 704A
1
SPI FIFO Transmit Register
SPIFFRX
0x00 704B
1
SPI FIFO Receive Register
SPIFFCT
0x00 704C
1
SPI FIFO Control Register
SPIPRI
0x00 704F
1
SPI Priority Control Register
(1)
These registers are mapped to Peripheral Frame 2. This space only allows 16-bit accesses. 32-bit accesses produce undefined results.
Copyright © 2001–2011, Texas Instruments Incorporated
Peripherals
81
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com