Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 54 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 50Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 51Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 52Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 53Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 54Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 55Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 56Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 57Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
3.12 Low-Power Modes Block
The low-power modes on the F281x and C281x are similar to the 240x devices. Table 3-18 summarizes
the various modes.
Table 3-18. F281x and C281x Low-Power Modes
MODE
LPM[1:0]
OSCCLK
CLKIN
SYSCLKOUT
EXIT(1)
Normal
X,X
on
on
on
–
XRS,
WDINT,
IDLE
0,0
on
on
on(2)
Any Enabled Interrupt,
XNMI,
Debugger(3)
XRS,
WDINT,
XINT1,
XNMI,
on
T1/2/3/4CTRIP,
STANDBY
0,1
off
off
(watchdog still running)
C1/2/3/4/5/6TRIP,
SCIRXDA,
SCIRXDB,
CANRX,
Debugger(3)
off
XRS,
HALT
1,X
(oscillator and PLL turned off,
off
off
XNMI,
watchdog not functional)
Debugger(3)
(1)
The Exit column lists which signals or under what conditions the low-power mode will be exited. A low signal, on any of the signals, will
exit the low-power condition. This signal must be kept low long enough for an interrupt to be recognized by the device. Otherwise, the
IDLE mode will not be exited and the device will go back into the indicated low-power mode.
(2)
The IDLE mode on the C28x behaves differently than on the 24x/240x. On the C28x, the clock output from the core (SYSCLKOUT) is
still functional; while on the 24x/240x, the clock is turned off.
(3)
On the C28x, the JTAG port can still function even if the core clock (CLKIN) is turned off.
The various low-power modes operate as follows:
IDLE Mode
This mode is exited by any enabled interrupt or an XNMI that is recognized
by the processor. The LPM block performs no tasks during this mode as
long as the LPMCR0(LPM) bits are set to 0,0.
STANDBY Mode
All other signals (including XNMI) will wake the device from STANDBY
mode if selected by the LPMCR1 register. The user will need to select
which signal(s) will wake the device. The selected signal(s) are also
qualified by the OSCCLK before waking the device. The number of
OSCCLKs is specified in the LPMCR0 register.
HALT Mode
Only the XRS and XNMI external signals can wake the device from HALT
mode. The XNMI input to the core has an enable/disable bit. Hence, it is
safe to use the XNMI signal for this function.
NOTE
The low-power modes do not affect the state of the output pins (PWM pins included). They
will be in whatever state the code left them when the IDLE instruction was executed.
54
Functional Overview
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com