Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 58 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 54Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 55Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 56Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 57Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 58Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 59Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 60Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 61Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
4.2
Event Manager Modules (EVA, EVB)
The event-manager modules include general-purpose (GP) timers, full-compare/PWM units, capture units,
and quadrature-encoder pulse (QEP) circuits. EVA and EVB timers, compare units, and capture units
function identically. However, timer/unit names differ for EVA and EVB. Table 4-2 shows the module and
signal names used. Table 4-2 shows the features and functionality available for the event-manager
modules and highlights EVA nomenclature.
Event managers A and B have identical peripheral register sets with EVA starting at 7400h and EVB
starting at 7500h. The paragraphs in this section describe the function of GP timers, compare units,
capture units, and QEPs using EVA nomenclature. These paragraphs are applicable to EVB with regard to
function—however, module/signal names would differ. Table 4-3 lists the EVA registers. For more
information, see the TMS320x281x DSP Event Manager (EV) Reference Guide (literature number
SPRU065).
Table 4-2. Module and Signal Names for EVA and EVB
EVA
EVB
EVENT MANAGER
MODULES
MODULE
SIGNAL
MODULE
SIGNAL
GP Timer 1
T1PWM/T1CMP
GP Timer 3
T3PWM/T3CMP
GP Timers
GP Timer 2
T2PWM/T2CMP
GP Timer 4
T4PWM/T4CMP
Compare 1
PWM1/2
Compare 4
PWM7/8
Compare Units
Compare 2
PWM3/4
Compare 5
PWM9/10
Compare 3
PWM5/6
Compare 6
PWM11/12
Capture 1
CAP1
Capture 4
CAP4
Capture Units
Capture 2
CAP2
Capture 5
CAP5
Capture 3
CAP3
Capture 6
CAP6
QEP1
QEP3
QEP1
QEP3
QEP Channels
QEP2
QEP4
QEP2
QEP4
QEPI1
QEPI2
Direction
TDIRA
Direction
TDIRB
External Clock Inputs
External Clock
TCLKINA
External Clock
TCLKINB
C1TRIP
C4TRIP
External Trip Inputs
Compare
C2TRIP
Compare
C5TRIP
C3TRIP
C6TRIP
T1CTRIP_PDPINTA(1)
T3CTRIP_PDPINTB(1)
External Trip Inputs
T2CTRIP/EVASOC
T4CTRIP/EVBSOC
(1)
In the 24x/240x-compatible mode, the T1CTRIP_PDPINTA pin functions as PDPINTA and the T3CTRIP_PDPINTB pin functions as
PDPINTB.
58
Peripherals
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com