Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 75 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 71Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 72Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 73Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 74Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 75Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 76Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 77Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 78Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
Table 4-7 provides a summary of the McBSP registers.
Table 4-7. McBSP Registers
ADDRESS
TYPE
RESET VALUE
NAME
DESCRIPTION
0x00 78xxh
(R/W)
(HEX)
DATA REGISTERS, RECEIVE, TRANSMIT(1)
–
–
–
0x0000
McBSP Receive Buffer Register
–
–
–
0x0000
McBSP Receive Shift Register
–
–
–
0x0000
McBSP Transmit Shift Register
McBSP Data Receive Register 2
DRR2
00
R
0x0000
•
Read First if the word size is greater than 16 bits,
else ignore DRR2
McBSP Data Receive Register 1
DRR1
01
R
0x0000
•
Read Second if the word size is greater than 16 bits,
else read DRR1 only
McBSP Data Transmit Register 2
DXR2
02
W
0x0000
•
Write First if the word size is greater than 16 bits,
else ignore DXR2
McBSP Data Transmit Register 1
DXR1
03
W
0x0000
•
Write Second if the word size is greater than 16 bits,
else write to DXR1 only
McBSP CONTROL REGISTERS
SPCR2
04
R/W
0x0000
McBSP Serial Port Control Register 2
SPCR1
05
R/W
0x0000
McBSP Serial Port Control Register 1
RCR2
06
R/W
0x0000
McBSP Receive Control Register 2
RCR1
07
R/W
0x0000
McBSP Receive Control Register 1
XCR2
08
R/W
0x0000
McBSP Transmit Control Register 2
XCR1
09
R/W
0x0000
McBSP Transmit Control Register 1
SRGR2
0A
R/W
0x0000
McBSP Sample Rate Generator Register 2
SRGR1
0B
R/W
0x0000
McBSP Sample Rate Generator Register 1
MULTICHANNEL CONTROL REGISTERS
MCR2
0C
R/W
0x0000
McBSP Multichannel Register 2
MCR1
0D
R/W
0x0000
McBSP Multichannel Register 1
RCERA
0E
R/W
0x0000
McBSP Receive Channel Enable Register Partition A
RCERB
0F
R/W
0x0000
McBSP Receive Channel Enable Register Partition B
XCERA
10
R/W
0x0000
McBSP Transmit Channel Enable Register Partition A
XCERB
11
R/W
0x0000
McBSP Transmit Channel Enable Register Partition B
PCR
12
R/W
0x0000
McBSP Pin Control Register
RCERC
13
R/W
0x0000
McBSP Receive Channel Enable Register Partition C
RCERD
14
R/W
0x0000
McBSP Receive Channel Enable Register Partition D
XCERC
15
R/W
0x0000
McBSP Transmit Channel Enable Register Partition C
XCERD
16
R/W
0x0000
McBSP Transmit Channel Enable Register Partition D
RCERE
17
R/W
0x0000
McBSP Receive Channel Enable Register Partition E
RCERF
18
R/W
0x0000
McBSP Receive Channel Enable Register Partition F
XCERE
19
R/W
0x0000
McBSP Transmit Channel Enable Register Partition E
XCERF
1A
R/W
0x0000
McBSP Transmit Channel Enable Register Partition F
RCERG
1B
R/W
0x0000
McBSP Receive Channel Enable Register Partition G
RCERH
1C
R/W
0x0000
McBSP Receive Channel Enable Register Partition H
XCERG
1D
R/W
0x0000
McBSP Transmit Channel Enable Register Partition G
XCERH
1E
R/W
0x0000
McBSP Transmit Channel Enable Register Partition H
(1)
DRR2/DRR1 and DXR2/DXR1 share the same addresses of receive and transmit FIFO registers in FIFO mode.
Copyright © 2001–2011, Texas Instruments Incorporated
Peripherals
75
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com