Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 77 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 73Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 74Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 75Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 76Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 77Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 78Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 79Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 80Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 170 page
background image
rate
Baud
8
*
1)
(BRR
LSPCLK
+
=
0
BRR
when
¹
16
LSPCLK
=
0
BRR
when
=
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
4.6
Serial Communications Interface (SCI) Module
The F281x and C281x devices include two serial communications interface (SCI) modules. The SCI
modules support digital communications between the CPU and other asynchronous peripherals that use
the standard non-return-to-zero (NRZ) format. The SCI receiver and transmitter are double-buffered, and
each has its own separate enable and interrupt bits. Both can be operated independently or
simultaneously in the full-duplex mode. To ensure data integrity, the SCI checks received data for break
detection, parity, overrun, and framing errors. The bit rate is programmable to over 65000 different speeds
through a 16-bit baud-select register.
Features of each SCI module include:
•
Two external pins:
–
SCITXD: SCI transmit-output pin
–
SCIRXD: SCI receive-input pin
NOTE: Both pins can be used as GPIO if not used for SCI.
•
Baud rate programmable to 64K different rates(3)
•
Data-word format
–
One start bit
–
Data-word length programmable from one to eight bits
–
Optional even/odd/no parity bit
–
One or two stop bits
•
Four error-detection flags: parity, overrun, framing, and break detection
•
Two wake-up multiprocessor modes: idle-line and address bit
•
Half- or full-duplex operation
•
Double-buffered receive and transmit functions
•
Transmitter and receiver operations can be accomplished through interrupt-driven or polled algorithms
with status flags.
–
Transmitter: TXRDY flag (transmitter-buffer register is ready to receive another character) and TX
EMPTY flag (transmitter-shift register is empty)
–
Receiver: RXRDY flag (receiver-buffer register is ready to receive another character), BRKDT flag
(break condition occurred), and RX ERROR flag (monitoring four interrupt conditions)
•
Separate enable bits for transmitter and receiver interrupts (except BRKDT)
•
Max bit rate = 75 MHz/16 = 4.688 x 106 b/s
•
NRZ (non-return-to-zero) format
•
Ten SCI module control registers located in the control register frame beginning at address 7050h
NOTE: All registers in this module are 8-bit registers that are connected to Peripheral Frame 2. When
a register is accessed, the register data is in the lower byte (7–0), and the upper byte (15–8) is read as
zeros. Writing to the upper byte has no effect.
Enhanced features:
•
Auto baud-detect hardware logic
•
16-level transmit/receive FIFO
(3)
Serial port performance is limited by I/O buffer switching speed. Internal prescalers must be adjusted such that the peripheral speed is
less than the I/O buffer speed limit—20 MHz maximum.
Copyright © 2001–2011, Texas Instruments Incorporated
Peripherals
77
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com