Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 21Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 22Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 23Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 24Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 25Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 26Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 27Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 28Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
Table 2-2. Signal Descriptions (continued)
PIN NO.
NAME
I/O/Z(2)
PU/PD(3)
DESCRIPTION
179-BALL
176-PIN
128-PIN
GHH/ZHH
PGF
PBK
GPIOB13 - C4TRIP (I)
N6
61
46
I/O
PU
GPIO or Compare 4 Output Trip
GPIOB14 - C5TRIP (I)
L6
62
47
I/O
PU
GPIO or Compare 5 Output Trip
GPIOB15 - C6TRIP (I)
K7
63
48
I/O
PU
GPIO or Compare 6 Output Trip
GPIOD OR EVA SIGNALS
GPIOD0 -
H14
110
81
I/O
PU
GPIO or Timer 1 Compare Output Trip
T1CTRIP_PDPINTA (I)
GPIOD1 -
GPIO or Timer 2 Compare Output Trip or
G10
115
84
I/O
PU
T2CTRIP/EVASOC (I)
External ADC Start-of-Conversion EV-A
GPIOD OR EVB SIGNALS
GPIOD5 -
P10
79
60
I/O
PU
GPIO or Timer 3 Compare Output Trip
T3CTRIP_PDPINTB (I)
GPIOD6 -
GPIO or Timer 4 Compare Output Trip or
P11
83
61
I/O
PU
T4CTRIP/EVBSOC (I)
External ADC Start-of-Conversion EV-B
GPIOE OR INTERRUPT SIGNALS
GPIOE0 - XINT1_XBIO (I)
D9
149
106
I/O/Z
–
GPIO or XINT1 or XBIO input
GPIOE1 -
D8
151
108
I/O/Z
–
GPIO or XINT2 or ADC start-of-conversion
XINT2_ADCSOC (I)
GPIOE2 - XNMI_XINT13 (I)
E8
150
107
I/O
PU
GPIO or XNMI or XINT13
GPIOF OR SPI SIGNALS
GPIOF0 - SPISIMOA (O)
M1
40
31
I/O/Z
–
GPIO or SPI slave in, master out
GPIOF1 - SPISOMIA (I)
N1
41
32
I/O/Z
–
GPIO or SPI slave out, master in
GPIOF2 - SPICLKA (I/O)
K2
34
27
I/O/Z
–
GPIO or SPI clock
GPIOF3 - SPISTEA (I/O)
K4
35
28
I/O/Z
–
GPIO or SPI slave transmit enable
GPIOF OR SCI-A SIGNALS
GPIOF4 - SCITXDA (O)
C7
155
111
I/O
PU
GPIO or SCI asynchronous serial port TX data
GPIOF5 - SCIRXDA (I)
A7
157
112
I/O
PU
GPIO or SCI asynchronous serial port RX data
GPIOF OR CAN SIGNALS
GPIOF6 - CANTXA (O)
N12
87
64
I/O
PU
GPIO or eCAN transmit data
GPIOF7 - CANRXA (I)
N13
89
65
I/O
PU
GPIO or eCAN receive data
GPIOF OR McBSP SIGNALS
GPIOF8 - MCLKXA (I/O)
J1
28
23
I/O
PU
GPIO or McBSP transmit clock
GPIOF9 - MCLKRA (I/O)
H2
25
21
I/O
PU
GPIO or McBSP receive clock
GPIOF10 - MFSXA (I/O)
H4
26
22
I/O
PU
GPIO or McBSP transmit frame synch
GPIOF11 - MFSRA (I/O)
J2
29
24
I/O
PU
GPIO or McBSP receive frame synch
GPIOF12 - MDXA (O)
G1
22
19
I/O
–
GPIO or McBSP transmitted serial data
GPIOF13 - MDRA (I)
G2
20
18
I/O
PU
GPIO or McBSP received serial data
Copyright © 2001–2011, Texas Instruments Incorporated
Introduction
25
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com