Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 31Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 32Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 33Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 34Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 35Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 36Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 37Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 38Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
www.ti.com
SPRS174S – APRIL 2001 – REVISED MARCH 2011
3.2.9
L0, L1, H0 SARAMs
The F281x and C281x contain an additional 16K x 16 of single-access RAM, divided into three blocks
(4K + 4K + 8K). Each block can be independently accessed hence minimizing pipeline stalls. Each block
is mapped to both program and data space.
3.2.10 Boot ROM
The Boot ROM is factory-programmed with boot-loading software. The Boot ROM program executes after
device reset and checks several GPIO pins to determine which boot mode to enter. For example, the user
can select to execute code already present in the internal Flash or download new software to internal
RAM through one of several serial ports. Other boot modes exist as well. The Boot ROM also contains
standard tables, such as SIN/COS waveforms, for use in math-related algorithms. Table 3-4 shows the
details of how various boot modes may be invoked. See the TMS320x281x DSP Boot ROM Reference
Guide (literature number SPRU095), for more information.
Table 3-4. Boot Mode Selection(1)(2)
GPIOF4
GPIOF12
GPIOF3
GPIOF2
BOOT MODE SELECTED
(SCITXDA)
(MDXA)
(SPISTEA)
(SPICLK)
GPIO PU status(3)
PU
No PU
No PU
No PU
Jump to Flash/ROM address 0x3F 7FF6.
A branch instruction must have been programmed here prior to
1
x
x
x
reset to re-direct code execution as desired.
Call SPI_Boot to load from an external serial SPI EEPROM
0
1
x
x
Call SCI_Boot to load from SCI-A
0
0
1
1
Jump to H0 SARAM address 0x3F 8000
0
0
1
0
Jump to OTP address 0x3D 7800
0
0
0
1
Call Parallel_Boot to load from GPIO Port B
0
0
0
0
(1)
Extra care must be taken due to any effect toggling SPICLK to select a boot mode may have on external logic.
(2)
If the boot mode selected is Flash, H0, or OTP, then no external code is loaded by the bootloader.
(3)
PU = pin has an internal pullup. No PU = pin does not have an internal pullup.
3.2.11 Security
The F281x and C281x support high levels of security to protect the user firmware from being
reverse-engineered. The security features a 128-bit password (hardcoded for 16 wait states), which the
user programs into the flash. One code security module (CSM) is used to protect the flash/ROM/OTP and
the L0/L1 SARAM blocks. The security feature prevents unauthorized users from examining the memory
contents via the JTAG port, executing code from external memory or trying to boot-load some undesirable
software that would export the secure memory contents. To enable access to the secure blocks, the user
must write the correct 128-bit ”KEY” value, which matches the value stored in the password locations
within the Flash/ROM.
NOTE
•
When the code-security passwords are programmed, all addresses between 0x3F 7F80
and 0x3F 7FF5 cannot be used as program code or data. These locations must be
programmed to 0x0000.
•
If the code security feature is not used, addresses 0x3F 7F80 through 0x3F 7FEF may
be used for code or data.
•
On ROM devices, addresses 0x3F 7FF2–0x3F 7FF5 and 0x3D 7BFC–0x3D 7BFF are
reserved for TI, irrespective of whether code security has been used or not. User
application should not use these locations in any way.
•
The 128-bit password (at 0x3F 7FF8–0x3F 7FFF) must not be programmed to zeros.
Doing so would permanently lock the device.
Copyright © 2001–2011, Texas Instruments Incorporated
Functional Overview
35
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com