Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 90 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 86Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 87Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 88Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 89Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 90Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 91Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 92Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 93Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
6
Electrical Specifications
This section provides the absolute maximum ratings and the recommended operating conditions for the
TMS320F281x and TMS320C281x DSPs.
6.1
Absolute Maximum Ratings
(1)
Supply voltage range (VDDIO, VDD3VFL, VDDA1, VDDA2, VDDAIO, and AVDDREFBG)
–0.3 V to 4.6 V
Supply voltage range (VDD, VDD1)
–0.5 V to 2.5 V
Input voltage range, VIN
–0.3 V to 4.6 V
Output voltage range, VO
–0.3 V to 4.6 V
Input clamp current, IIK (VIN < 0 or VIN > VDDIO)
(2)
±20 mA
Output clamp current, IOK (VO < 0 or VO > VDDIO)
±20 mA
Operating ambient temperature ranges, TA
A version (GHH, ZHH, PGF, PBK)(3)
–40°C to 85°C
S version (GHH, ZHH, PGF, PBK)(3)
–40°C to 125°C
Q version (PGF, PBK)(3)
–40°C to 125°C
Junction temperature range, TJ
–40°C to 150°C
Storage temperature range, Tstg
(3)
–65°C to 150°C
(1)
Unless otherwise noted, the list of absolute maximum ratings are specified over operating temperature ranges. Stresses beyond those
listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated under Section 6.2, Recommended Operating Conditions,
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage values are
with respect to VSS.
(2)
Continuous clamp current per pin is ±2 mA
(3)
Long-term high-temperature storage and/or extended use at maximum temperature conditions may result in a reduction of overall device
life. For additional information, see the IC Package Thermal Metrics Application Report (literature number SPRA953) and the Reliability
Data for TMS320LF24xx and TMS320F28xx Devices Application Report (literature number SPRA963).
6.2
Recommended Operating Conditions
(1)
MIN
NOM
MAX
UNIT
VDDIO
Device supply voltage, I/O
3.14
3.3
3.47
V
1.8 V (135 MHz)
1.71
1.8
1.89
VDD, VDD1
Device supply voltage, CPU
V
1.9 V (150 MHz)
1.81
1.9
2
VSS
Supply ground
0
V
VDDA1, VDDA2,
ADC supply voltage
3.14
3.3
3.47
V
AVDDREFBG,
VDDAIO
VDD3VFL
Flash programming supply voltage
3.14
3.3
3.47
V
fSYSCLKOUT
Device clock frequency
VDD = 1.9 V ± 5%
2
150
MHz
(system clock)
VDD = 1.8 V ± 5%
2
135
VIH
High-level input voltage
All inputs except X1/XCLKIN
2
VDDIO
V
X1/XCLKIN (@ 50 µA max)
0.7VDD
VDD
VIL
Low-level input voltage
All inputs except X1/XCLKIN
0.8
V
X1/XCLKIN (@ 50 µA max)
0.3VDD
IOH
High-level output source current,
All I/Os except Group 2
–4
mA
VOH = 2.4 V
Group 2(2)
–8
IOL
Low-level output sink current,
All I/Os except Group 2
4
mA
VOL = VOL MAX
Group 2(2)
8
TA
Ambient temperature
A version
–40
85
S version
–40
125
°C
Q version
–40
125
(1)
See Section 6.8 for power sequencing of VDDIO, VDDAIO, VDD, VDDA1/VDDA2/AVDDREFBG, and VDD3VFL.
(2)
Group 2 pins are as follows: XINTF pins, T1CTRIP_PDPINTA, TDO, XCLKOUT, XF, EMU0, and EMU1.
90
Electrical Specifications
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com