Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 10Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 11Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 12Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 13Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 14Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 15Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 16Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 17Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
2.2
Device Summary
Table 2-1 provides a summary of each device’s features.
Table 2-1. Hardware Features(1)
FEATURE
TYPE(2)
F2810
F2811
F2812
C2810
C2811
C2812
Instruction Cycle (at 150 MHz)
–
6.67 ns
6.67 ns
6.67 ns
6.67 ns
6.67 ns
6.67 ns
Single-Access RAM (SARAM) (16-bit word)
–
18K
18K
18K
18K
18K
18K
3.3-V On-Chip Flash (16-bit word)
–
64K
128K
128K
–
–
–
On-Chip ROM (16-bit word)
–
–
–
–
64K
128K
128K
Code Security for On-Chip
–
Yes
Yes
Yes
Yes
Yes
Yes
Flash/SARAM/OTP/ROM
Boot ROM
–
Yes
Yes
Yes
Yes
Yes
Yes
OTP ROM (1K x 16)
–
Yes
Yes
Yes
Yes(3)
Yes(3)
Yes(3)
External Memory Interface
0
–
–
Yes
–
–
Yes
EVA,
EVA,
EVA,
EVA,
EVA,
EVA,
Event Managers A and B (EVA and EVB)
–
EVB
EVB
EVB
EVB
EVB
EVB
●
General-Purpose (GP) Timers
–
4
4
4
4
4
4
●
Compare (CMP)/PWM
0
16
16
16
16
16
16
●
Capture (CAP)/QEP Channels
0
6/2
6/2
6/2
6/2
6/2
6/2
Watchdog Timer
–
Yes
Yes
Yes
Yes
Yes
Yes
12-Bit ADC
Yes
Yes
Yes
Yes
Yes
Yes
0
●
Channels
16
16
16
16
16
16
32-Bit CPU Timers
–
3
3
3
3
3
3
Serial Peripheral Interface (SPI)
0
Yes
Yes
Yes
Yes
Yes
Yes
Serial Communications Interfaces A and B
SCIA,
SCIA,
SCIA,
SCIA,
SCIA,
SCIA,
0
(SCIA and SCIB)
SCIB
SCIB
SCIB
SCIB
SCIB
SCIB
Controller Area Network (CAN)
0
Yes
Yes
Yes
Yes
Yes
Yes
Multichannel Buffered Serial Port (McBSP)
0
Yes
Yes
Yes
Yes
Yes
Yes
Digital I/O Pins (Shared)
–
56
56
56
56
56
56
External Interrupts
–
3
3
3
3
3
3
Supply Voltage
–
1.8-V Core (135 MHz), 1.9-V Core (150 MHz), 3.3-V I/O
128-pin PBK
Yes
Yes
–
Yes
Yes
–
176-pin PGF
–
–
Yes
–
–
Yes
Packaging
–
179-ball GHH
–
–
Yes
–
–
Yes
179-ball ZHH
–
–
Yes
–
–
Yes
A: –40°C to 85°C
–
Yes
Yes
Yes
Yes
Yes
Yes
S: –40°C to 125°C
–
Yes
Yes
Yes
Yes
Yes
Yes
Temperature Options
Q: –40°C to 125°C
–
Yes
Yes
PGF only
Yes
Yes
PGF only
(Q100 Qualification)
Product Status(4)
–
TMS
TMS
TMS
TMS
TMS
TMS
(1)
The TMS320F2810, TMS320F2811, TMS320F2812, TMS320C2810, TMS320C2811, TMS320C2812 DSP Silicon Errata (literature
number SPRZ193) has been posted on the Texas Instruments (TI) website. It will be updated as needed.
(2)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor
differences between devices that do not affect the basic functionality of the module. These device-specific differences are listed in the
TMS320x28xx, 28xxx DSP Peripheral Reference Guide (literature number SPRU566) and in the peripheral reference guides.
(3)
On C281x devices, OTP is replaced by a 1K x 16 block of ROM.
(4)
See Section 5.1, Device and Development Support Tool Nomenclature, for descriptions of device stages.
14
Introduction
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com