Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 84 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 80Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 81Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 82Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 83Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 84Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 85Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 86Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 87Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
If configured for ”Digital I/O” mode, additional registers are provided for setting individual I/O signals (via
the GPxSET registers), for clearing individual I/O signals (via the GPxCLEAR registers), for toggling
individual I/O signals (via the GPxTOGGLE registers), or for reading/writing to the individual I/O signals
(via the GPxDAT registers). Table 4-12 lists the GPIO Data Registers. For more information, see the
TMS320x281x DSP System Control and Interrupts Reference Guide (literature number SPRU078).
Table 4-12. GPIO Data Registers(1)(2)
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
GPADAT
0x00 70E0
1
GPIO A Data Register
GPASET
0x00 70E1
1
GPIO A Set Register
GPACLEAR
0x00 70E2
1
GPIO A Clear Register
GPATOGGLE
0x00 70E3
1
GPIO A Toggle Register
GPBDAT
0x00 70E4
1
GPIO B Data Register
GPBSET
0x00 70E5
1
GPIO B Set Register
GPBCLEAR
0x00 70E6
1
GPIO B Clear Register
GPBTOGGLE
0x00 70E7
1
GPIO B Toggle Register
Reserved
0x00 70E8
1
Reserved
0x00 70E9
1
Reserved
0x00 70EA
1
Reserved
0x00 70EB
1
GPDDAT
0x00 70EC
1
GPIO D Data Register
GPDSET
0x00 70ED
1
GPIO D Set Register
GPDCLEAR
0x00 70EE
1
GPIO D Clear Register
GPDTOGGLE
0x00 70EF
1
GPIO D Toggle Register
GPEDAT
0x00 70F0
1
GPIO E Data Register
GPESET
0x00 70F1
1
GPIO E Set Register
GPECLEAR
0x00 70F2
1
GPIO E Clear Register
GPETOGGLE
0x00 70F3
1
GPIO E Toggle Register
GPFDAT
0x00 70F4
1
GPIO F Data Register
GPFSET
0x00 70F5
1
GPIO F Set Register
GPFCLEAR
0x00 70F6
1
GPIO F Clear Register
GPFTOGGLE
0x00 70F7
1
GPIO F Toggle Register
GPGDAT
0x00 70F8
1
GPIO G Data Register
GPGSET
0x00 70F9
1
GPIO G Set Register
GPGCLEAR
0x00 70FA
1
GPIO G Clear Register
GPGTOGGLE
0x00 70FB
1
GPIO G Toggle Register
Reserved
0x00 70FC – 0x00 70FF
4
(1)
Reserved locations will return undefined values and writes will be ignored.
(2)
These registers are NOT EALLOW protected. The above registers will typically be accessed regularly by the user.
84
Peripherals
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com