Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811PBKA Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811PBKA
Description  Digital Signal Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBKA Datasheet(HTML) 102 Page - Texas Instruments

Back Button TMS320F2811PBKA Datasheet HTML 98Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 99Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 100Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 101Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 102Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 103Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 104Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 105Page - Texas Instruments TMS320F2811PBKA Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 170 page
background image
TMS320F2810, TMS320F2811, TMS320F2812
TMS320C2810, TMS320C2811, TMS320C2812
SPRS174S – APRIL 2001 – REVISED MARCH 2011
www.ti.com
6.14 Clock Requirements and Characteristics
6.14.1 Input Clock Requirements
The clock provided at the XCLKIN pin generates the internal CPU clock cycle.
Table 6-6. Input Clock Frequency
PARAMETER
MIN
TYP
MAX
UNIT
Resonator
20
35
Crystal
20
35
fx
Input clock frequency
MHz
Without PLL
4
150
XCLKIN
With PLL
5
100
fl
Limp mode clock frequency
2
MHz
Table 6-7. XCLKIN Timing Requirements – PLL Bypassed or Enabled
NO.
MIN
MAX
UNIT
C8
tc(CI)
Cycle time, XCLKIN
6.67
250
ns
C9
tf(CI)
Fall time, XCLKIN
6
ns
C10
tr(CI)
Rise time, XCLKIN
6
ns
C11
tw(CIL)
Pulse duration, X1/XCLKIN low as a percentage of tc(CI)
40
60
%
C12
tw(CIH)
Pulse duration, X1/XCLKIN high as a percentage of tc(CI)
40
60
%
Table 6-8. XCLKIN Timing Requirements – PLL Disabled
NO.
MIN
MAX
UNIT
C8
tc(CI)
Cycle time, XCLKIN
6.67
250
ns
C9
tf(CI)
Fall time, XCLKIN
Up to 30 MHz
6
ns
30 MHz to 150 MHz
2
C10
tr(CI)
Rise time, XCLKIN
Up to 30 MHz
6
ns
30 MHz to 150 MHz
2
C11
tw(CIL)
Pulse duration, X1/XCLKIN low as a percentage of tc(CI)
XCLKIN
≤ 120 MHz
40
60
%
120 < XCLKIN
≤ 150 MHz
45
55
C12
tw(CIH)
Pulse duration, X1/XCLKIN high as a percentage of tc(CI)
XCLKIN
≤ 120 MHz
40
60
%
120 < XCLKIN
≤ 150 MHz
45
55
Table 6-9. Possible PLL Configuration Modes
PLL MODE
REMARKS
SYSCLKOUT
Invoked by tying XPLLDIS pin low upon reset. PLL block is completely disabled.
PLL Disabled
Clock input to the CPU (CLKIN) is directly derived from the clock signal present at
XCLKIN
the X1/XCLKIN pin.
Default PLL configuration upon power-up, if PLL is not disabled. The PLL itself is
PLL Bypassed
bypassed. However, the /2 module in the PLL block divides the clock input at the
XCLKIN/2
X1/XCLKIN pin by two before feeding it to the CPU.
Achieved by writing a non-zero value “n” into PLLCR register. The /2 module in the
PLL Enabled
(XCLKIN * n) / 2
PLL block now divides the output of the PLL by two before feeding it to the CPU.
102
Electrical Specifications
Copyright © 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F2810 TMS320F2811 TMS320F2812 TMS320C2810 TMS320C2811 TMS320C2812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com